Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3702YCBP-37 Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3702YCBP-37
Szczegółowy opis  Microprocessor Supervisory Circuits with Low Line Output and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3702YCBP-37 Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  LM3702YCBP-37 Datasheet HTML 1Page - National Semiconductor (TI) LM3702YCBP-37 Datasheet HTML 2Page - National Semiconductor (TI) LM3702YCBP-37 Datasheet HTML 3Page - National Semiconductor (TI) LM3702YCBP-37 Datasheet HTML 4Page - National Semiconductor (TI) LM3702YCBP-37 Datasheet HTML 5Page - National Semiconductor (TI) LM3702YCBP-37 Datasheet HTML 6Page - National Semiconductor (TI) LM3702YCBP-37 Datasheet HTML 7Page - National Semiconductor (TI) LM3702YCBP-37 Datasheet HTML 8Page - National Semiconductor (TI) LM3702YCBP-37 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to 6.0V
All Other Inputs
−0.3V to V
CC + 0.3V
ESD Ratings (Note 2)
Human Body Model
Machine Model
1.5kV
150V
Power Dissipation
(Note 3)
Operating Ratings (Note 1)
Temperature Range
−40˚C
≤ T
J
≤ 85˚C
LM3702/LM3703 Series Electrical Characteristics
Limits in the standard typeface are for T
J = 25˚C and limits in boldface type apply over full operating range. Unless otherwise
specified: V
CC = +2.2V to 5.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
V
CC
Operating Voltage
Range: V
CC
LM3702
1.0
5.5
V
LM3703
1.2
5.5
I
CC
V
CC Supply
Current
All inputs = V
CC; all outputs floating
28
50
µA
RESET THRESHOLD
V
RST
Reset Threshold
V
CC falling
−0.5
−2
V
RST
+0.5
+2
%
V
CC falling: TA = 0˚C to 70˚C
−1.5
+1.5
V
RSTH
Reset Threshold
Hysteresis
0.0032
V
RST
mV
t
RP
Reset Timeout
Period
Reset Timeout Period = A
Reset Timeout Period = B
Reset Timeout Period = C
Reset Timeout Period = D
1
20
140
1120
1.4
28
200
1600
2
40
280
2240
ms
t
RD
V
CC to Reset
Delay
V
CC falling at 1mV/µs
20
µs
RESET (LM3703)
V
OL
RESET
V
CC > 2.25V, ISINK = 900µA
0.3
V
V
CC > 2.7V, ISINK = 1.2mA
0.3
V
CC > 4.5V, ISINK = 3.2mA
0.4
V
OH
RESET
V
CC > 1.2V, ISOURCE = 50µA
0.8 V
CC
V
V
CC > 1.8V, ISOURCE = 150µA
0.8 V
CC
V
CC > 2.25V, ISOURCE = 300µA
0.8 V
CC
V
CC > 2.7V, ISOURCE = 500µA
0.8 V
CC
V
CC > 4.5V, ISOURCE = 800µA
V
CC − 1.5V
I
LKG
Output Leakage
Current
V
RESET = 5.5V
1.0
µA
RESET (LM3702)
V
OL
RESET
V
CC > 1.0V, ISINK = 50µA
0.3
V
V
CC > 1.2V, ISINK = 100µA
0.3
V
CC > 2.25V, ISINK = 900µA
0.3
V
CC > 2.7V, ISINK = 1.2mA
0.3
V
CC > 4.5V, ISINK = 3.2mA
0.4
V
OH
RESET
V
CC > 2.25V, ISOURCE = 300µA
0.8 V
CC
V
CC > 2.7V, ISOURCE = 500µA
0.8 V
CC
V
CC > 4.5V, ISOURCE = 800µA
V
CC − 1.5V
www.national.com
5


Podobny numer części - LM3702YCBP-37

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3700 NSC-LM3700 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
logo
Texas Instruments
LM3700 TI-LM3700 Datasheet
246Kb / 12P
[Old version datasheet]   LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
LM3700XCBP-290 TI-LM3700XCBP-290 Datasheet
246Kb / 12P
[Old version datasheet]   LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
logo
National Semiconductor ...
LM3700XCBP-308 NSC-LM3700XCBP-308 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
LM3700XCBPX-308 NSC-LM3700XCBPX-308 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
More results

Podobny opis - LM3702YCBP-37

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Texas Instruments
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
[Old version datasheet]   LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com