Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5522 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD5522
Szczegółowy opis  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5522 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD5522_17 Datasheet HTML 6Page - Analog Devices AD5522_17 Datasheet HTML 7Page - Analog Devices AD5522_17 Datasheet HTML 8Page - Analog Devices AD5522_17 Datasheet HTML 9Page - Analog Devices AD5522_17 Datasheet HTML 10Page - Analog Devices AD5522_17 Datasheet HTML 11Page - Analog Devices AD5522_17 Datasheet HTML 12Page - Analog Devices AD5522_17 Datasheet HTML 13Page - Analog Devices AD5522_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 9 of 64
Parameter
Min
Typ 1
Max
Unit
Test Conditions/Comments
GUARDx PIN
Output Voltage Span
22.5
V
Output Offset
−10
+10
mV
Short-Circuit Current
−15
+15
mA
Maximum Load Capacitance2
100
nF
Output Impedance
85
Ω
Tristate Leakage Current2
−30
+30
nA
When guard amplifier is disabled
Slew Rate2
5
V/μs
CLOAD = 10 pF
Alarm Activation Time2
200
μs
Alarm delayed to eliminate false alarms
FORCE AMPLIFIER2
Slew Rate
0.4
V/μs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
Gain Bandwidth
1.3
MHz
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
Max Stable Load Capacitance
10,000
pF
CCOMPx = 100 pF, larger CLOAD requires larger CCOMP
capacitor
100
nF
CCOMPx = 1 nF, larger CLOAD requires larger CCOMP
capacitor
FV SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; measured from
SYNC rising edge, clamps on
±80 mA Range
22
40
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±2 mA Range
24
40
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±200 µA Range
40
80
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±20 µA Range
300
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±5 µA Range
1400
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
MI SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; driven from force
amplifier in FV mode, so includes FV settling time;
measured from SYNC rising edge, clamps on
±80 mA Range
22
40
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±2 mA Range
24
40
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±200 µA Range
60
100
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±20 µA Range
462
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
±5 µA Range
1902
µs
CCOMPx = 100 pF, CFFx = 220 pF, CLOAD = 200 pF
FI SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; measured from
SYNC rising edge, clamps on
±80 mA Range
24
55
µs
CCOMPx = 100 pF, CLOAD = 200 pF
±2 mA Range
24
60
µs
CCOMPx = 100 pF, CLOAD = 200 pF
±200 µA Range
50
120
µs
CCOMPx = 100 pF, CLOAD = 200 pF
±20 µA Range
450
µs
CCOMPx = 100 pF, CLOAD = 200 pF
±5 µA Range
2700
µs
CCOMPx = 100 pF, CLOAD = 200 pF
MV SETTLING TIME TO 0.05% OF FS2
Midscale to full-scale change; driven from force
amplifier in FV mode, so includes FV settling time;
measured from SYNC rising edge, clamps on
±80 mA Range
24
55
µs
CCOMPx = 100 pF, CLOAD = 200 pF
±2 mA Range
24
60
µs
CCOMPx = 100 pF, CLOAD = 200 pF
±200 µA Range
50
120
µs
CCOMPx = 100 pF, CLOAD = 200 pF
±20 µA Range
450
µs
CCOMPx = 100 pF, CLOAD = 200 pF
±5 µA Range
2700
µs
CCOMPx = 100 pF, CLOAD = 200 pF
DAC SPECIFICATIONS
Resolution
16
Bits
Output Voltage Span2
22.5
V
VREF = 5 V, within a range of −16.25 V to +22.5 V
Differential Nonlinearity2
−1
+1
LSB
Guaranteed monotonic by design over temperature
COMPARATOR DAC DYNAMIC
SPECIFICATIONS2
Output Voltage Settling Time
1
µs
500 mV change to ±½ LSB
Slew Rate
5.5
V/µs
Digital-to-Analog Glitch Energy
20
nV-sec
Glitch Impulse Peak Amplitude
10
mV
REFERENCE INPUT
VREF DC Input Impedance
1
100
VREF Input Current
−10
+0.03
+10
µA
VREF Range2
2
5
V


Podobny numer części - AD5522_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5522JSVD AD-AD5522JSVD Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522JSVDZ AD-AD5522JSVDZ Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522JSVDZ AD-AD5522JSVDZ Datasheet
1Mb / 60P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5522JSVUZ AD-AD5522JSVUZ Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522JSVUZ AD-AD5522JSVUZ Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
More results

Podobny opis - AD5522_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrM
AD5522 AD-AD5522 Datasheet
549Kb / 45P
   Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
Rev.PrL
AD5522 AD-AD5522_08 Datasheet
1Mb / 60P
   Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
REV. A
AD5560 AD-AD5560 Datasheet
1Mb / 68P
   1.2 A Programmable Device Power Supply with Integrated 16-Bit Level Setting DACs
REV. D
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520 Datasheet
763Kb / 20P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. A
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
   Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
   Per Pin Parametric Measurement Unit/Source Measure Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com