Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7703 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7703
Szczegółowy opis  20-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7703 Arkusz danych(HTML) 4 Page - Analog Devices

  AD7703 Datasheet HTML 1Page - Analog Devices AD7703 Datasheet HTML 2Page - Analog Devices AD7703 Datasheet HTML 3Page - Analog Devices AD7703 Datasheet HTML 4Page - Analog Devices AD7703 Datasheet HTML 5Page - Analog Devices AD7703 Datasheet HTML 6Page - Analog Devices AD7703 Datasheet HTML 7Page - Analog Devices AD7703 Datasheet HTML 8Page - Analog Devices AD7703 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
REV. E
AD7703
–3–
Parameter
A/S Version
2
B Version
2
C Version
2
Unit
Test Conditions/Comments
POWER REQUIREMENTS
DC Power Supply Currents
8
Analog Positive Supply (AIDD)
2.7
2.7
2.7
mA max
Typically 2 mA
Digital Positive Supply (DIDD)2
22
mA max
Typically 1 mA
Analog Negative Supply (AISS)
2.7
2.7
2.7
mA max
Typically 2 mA
Digital Negative Supply (DISS)
0.1
0.1
0.1
mA max
Typically 0.03 mA
Power Supply Rejection
9
Positive Supplies
70
70
70
dB typ
Negative Supplies
75
75
75
dB typ
Power Dissipation
Normal Operation
37
37
37
mW max
SLEEP = Logic 1,
Typically 25 mW
Standby Operations
10
SLEEP = Logic 0,
A, B, C
20
20
20
µW max
Typically 10
µW
S40
40
40
µW max
NOTES
1 The A
IN pin presents a very high impedance dynamic load that varies with clock frequency. A ceramic 1 nF capacitor from the AIN pin to AGND is necessary.
Source resistance should be 750
or less.
2 Temperature ranges are as follows: A, B, C Versions: –40
°C to +85°C; S Version: –55°C to +125°C.
3 Applies after calibration at the temperature of interest. Full-scale error applies for both unipolar and bipolar input ranges.
4 Total drift over the specified temperature range after calibration at power-up at 25
°C. This is guaranteed by design and/or characterization. Recalibration at any
temperature will remove these errors.
5 In Unipolar mode, the offset can have a negative value (–V
REF) such that the Unipolar mode can mimic Bipolar mode operation.
6 The specifications for input overrange and for input span apply additional constraints on the offset calibration range.
7 For Unipolar mode, input span is the difference between full scale and zero scale. For Bipolar mode, input span is the difference between positive and negative full-scale
points. When using less than the maximum input span, the span range may be placed anywhere within the range of
±(V
REF + 0.1).
8 All digital outputs unloaded. All digital inputs at 5 V CMOS levels.
9 Applies in 0.1 Hz to 10 Hz bandwidth. PSRR at 60 Hz will exceed 120 dB due to the digital filter.
10 CLKIN is stopped. All digital inputs are grounded.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to AVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
DVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
AVSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Analog Input Voltage to AGND . . . AVSS – 0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range
Industrial (A, B, C Versions) . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300
°C
Power Dissipation (DIP Package) to 75
°C . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . 10 mW/°C
Power Dissipation (SOIC Package) to 75
°C . . . . . . . 250 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . . 15 mW/°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
ORDERING GUIDE
Linearity
Temperature
Error
Package
Model
Range
(% FSR)
Options
*
AD7703AN
–40
°C to +85°C
0.003
N-20
AD7703BN
–40
°C to +85°C
0.0015
N-20
AD7703CN
–40
°C to +85°C
0.0012
N-20
AD7703AR
–40
°C to +85°C
0.003
R-20
AD7703BR
–40
°C to +85°C
0.0015
R-20
AD7703CR
–40
°C to +85°C
0.0012
R-20
AD7703AQ
–40
°C to +85°C
0.003
Q-20
AD7703BQ
–40
°C to +85°C
0.0015
Q-20
AD7703CQ
–40
°C to +85°C
0.0012
Q-20
AD7703SQ
–55
°C to +125°C
0.003
Q-20
*N = Plastic DIP; R = SOIC; Q = CERDIP.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7703 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


Podobny numer części - AD7703

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7703AN AD-AD7703AN Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7703AQ AD-AD7703AQ Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7703AR AD-AD7703AR Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7703BN AD-AD7703BN Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
More results

Podobny opis - AD7703

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7703 AD-AD7703_15 Datasheet
458Kb / 16P
   20-Bit A/D Converter
Rev. E
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Maxwell Technologies
5102ALP MAXWELL-5102ALP Datasheet
248Kb / 14P
   16-Bit, 20 KHz A/D Converter
logo
Cirrus Logic
CDB5504 CIRRUS-CDB5504 Datasheet
353Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Fujitsu Component Limit...
MB40C360 FUJITSU-MB40C360 Datasheet
83Kb / 8P
   20 MHz 10-bit A/D Converter
logo
Cirrus Logic
CS5504 CIRRUS-CS5504 Datasheet
338Kb / 24P
   Low Power, 20-Bit A/D Converter
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com