Zakładka z wyszukiwarką danych komponentów |
|
AD8284 Arkusz danych(PDF) 8 Page - Analog Devices |
|
AD8284 Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 29 page Data Sheet AD8284 Rev. D | Page 7 of 28 ABSOLUTE MAXIMUM RATINGS Table 5. Parameter Rating Electrical AVDD18, AVDD18 ADC to AGND −0.3 V to +2.0 V AVDD33, AVDD33REF to AGND −0.3 V to +3.9 V DVDD18, DVDD18CLK to AGND −0.3 V to +2.0 V DVDD33CLK, DVDD33DRV, and DVDD33SPI to AGND −0.3 V to +3.9 V Analog Inputs INx+, INx− to AGND −0.3 V to +3.9 V Auxiliary Inputs INADC+, INADC− to AGND −0.3 V to +2.0 V Digital Outputs (D11 to D0, SDO) and SDI to AGND −0.3 V to +3.9 V CLK+, CLK− to AGND −0.3 V to +3.9 V PDWN, SCLK, CS, AUX, ZSEL to AGND −0.3 V to +3.9 V RBIAS, VREF to AGND −0.3 V to +2.0 V Environmental Operating Temperature Range (Ambient) −40°C to +105°C Storage Temperature Range (Ambient) −65°C to +150°C Maximum Junction Temperature 150°C Lead Temperature (Soldering, 10 sec) 300°C Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product. This is a stress rating only; functional operation of the product at these or any other conditions above those indicated in the operational section of this specification is not implied. Operation beyond the maximum operating conditions for extended periods may affect product reliability. ESD CAUTION |
Podobny numer części - AD8284_17 |
|
Podobny opis - AD8284_17 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |