Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7821TQ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7821TQ
Szczegółowy opis  8-Bit ADC with Track/Hold Function
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7821TQ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7821TQ Datasheet HTML 4Page - Analog Devices AD7821TQ Datasheet HTML 5Page - Analog Devices AD7821TQ Datasheet HTML 6Page - Analog Devices AD7821TQ Datasheet HTML 7Page - Analog Devices AD7821TQ Datasheet HTML 8Page - Analog Devices AD7821TQ Datasheet HTML 9Page - Analog Devices AD7821TQ Datasheet HTML 10Page - Analog Devices AD7821TQ Datasheet HTML 11Page - Analog Devices AD7821TQ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD7821
REV. B
–7–
CIRCUIT INFORMATION
BASIC DESCRIPTION
The AD7821 uses a half flash conversion technique (see Func-
tional Block Diagram), whereby two 4-bit flash ADCs are used to
achieve an 8-bit result. Each 4-bit flash ADC contains 15
comparators, which compare an unknown input voltage to the
reference ladder, to achieve a 4-bit result. The MS (most signifi-
cant) flash ADC converts an unknown analog input voltage (VIN)
to provide the 4 MS data bits. An internal DAC, driven by the 4 MS
data bits, then recreates an analog approximation of the input
voltage. The DAC output voltage is subtracted from the analog
input, and the difference is converted by the LS (least significant)
ADC to provide the 4 LS data bits. The MS flash ADC also has one
additional comparator to detect over-range on the analog input.
OPERATING SEQUENCE
The AD7821 has two operating modes. The RD mode allows a con-
version to be started and data to be read with a single, extended,
READ operation (i.e.,
CS and RD are taken low). The conversion
process is timed out by internal one-shots. The WR-RD mode uses
WR to start a conversion and RD to read the data and allows the
conversion timing to be externally controlled. The operating sequence
for the WR-RD mode is shown in Figure 3.
Figure 3. Operating Sequence (WR-RD Mode)
A conversion is initiated and the analog input signal (VIN) sampled
on the falling edge of
WR (falling edge of RD, RD mode). A setup
time (tP, delay time between conversions) of 350 ns is required
prior to this falling edge. See the Digital Interface section for more
details. When
WR is low, the internal MS (most significant) ADC
compares the sampled analog input with the reference ladder to
provide the 4 MS data bits. A minimum of 250 ns is required for
this comparison. On the rising edge of
WR, the MS data result is
latched internally and the LS (least significant) conversion begins,
to yield the 4 LS data bits.
INT goes low typically 380 ns after the
rising edge of
WR. This indicates the LS conversion is complete
and that both the LS and MS data results are latched into the
output buffer.
RD going low then enables the output data. If a
faster conversion time is required, the
RD line can be brought low
250 ns after
WR goes high. This latches both the LS and MS
data bits and outputs the conversion result on DB0–DB7.
REFERENCE AND INPUT
The VREF(–) and VREF(+) reference inputs on the AD7821 are
fully differential and define the zero and full-scale input range of
the ADC. The transfer characteristic of the part is defined by
the integer value of the following expression:
Data (LSBs )
= 256
V
IN − V REF ( − )
V
REF ( + ) − V REF ( − )


+ 0.5
As a result, the analog input (VIN) of the device can easily be set
up to provide both unipolar and bipolar operation. The data
output code for unipolar and bipolar operation is Natural Binary
and Offset Binary, respectively.
The span of the analog input voltage can easily be varied. By
reducing the reference span, VREF(+) – VREF(–), to less than 5 V,
the sensitivity of the converter can be increased (i.e., if VREF = 2 V
then 1 LSB = 7.8 mV). The reference flexibility also allows the
input span for unipolar operation to be offset from zero (VREF(–) >
GND). Additionally, the input/reference arrangement facilitates
ratiometric operation.
Figures 4 and 5 show some configurations that are possible. For
minimum noise, a 47
µF capacitor in parallel with a 0.1 µF ca-
pacitor should be connected between the reference inputs and
GND.
Figure 4. Power Supply as Reference;
Unipolar Operation (0 to + 5 V)
Figure 5. External Reference;
Bipolar Operation (–2.5 V to +2.5 V)
INPUT CURRENT
The analog input of the AD7821 behaves somewhat differently
than conventional ADCs. This is due to the ADC’s sampled
data comparators, which take varying amounts of input current
depending on the cycle of the converter.
The equivalent input circuit of the AD7821 is shown in Figure 6.
When a conversion ends (e.g., falling edge of
INT, WR-RD
mode, tRD > tINTL) all the input switches are closed and VIN is
connected to the comparators of the internal LS and MS ADCs.
Therefore, VIN is simultaneously connected to 31 input capacitors
of 1 pF each.


Podobny numer części - AD7821TQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7821TQ AD-AD7821TQ Datasheet
249Kb / 12P
   LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
More results

Podobny opis - AD7821TQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com