Zakładka z wyszukiwarką danych komponentów |
|
LM3702YABPX-40 Arkusz danych(PDF) 1 Page - National Semiconductor (TI) |
|
|
LM3702YABPX-40 Arkusz danych(HTML) 1 Page - National Semiconductor (TI) |
1 / 13 page LM3702/LM3703 Microprocessor Supervisory Circuits with Low Line Output and Manual Reset General Description The LM3702/LM3703 series of microprocessor supervisory circuits provide the maximum flexibility for monitoring power supplies and battery controlled functions in systems without backup batteries. The LM3702/LM3703 series are available in a 9-bump micro SMD package. Built-in features include the following: Reset: Reset is asserted during power-up, power-down, and brownout conditions. RESET is guaranteed down to V CC of 1.0V. Manual Reset Input: An input that asserts reset when pulled low. Low Line Output: This early power failure warning indicator goes low when the supply voltage drops to a value which is 2% higher than the reset threshold voltage. Features n Standard Reset Threshold voltage: 3.08V n Custom Reset Threshold voltages: For other voltages between 2.2V and 5.0V in 10mV increments, contact National Semiconductor Corp. n No external components required n Manual-Reset input n RESET (LM3702) or RESET (LM3703) outputs n Precision supply voltage monitor n Factory programmable Reset Timeout Delay n Available in micro SMD package for minimum footprint n ± 0.5% Reset threshold accuracy at room temperature n ± 2% Reset threshold accuracy over temperature extremes n Reset assertion down to 1V V CC (RESET option only) n 28 µA V CC supply current Applications n Embedded Controllers and Processors n Intelligent Instruments n Automotive Systems n Critical µP Power Monitoring Typical Application 20011503 September 2003 © 2003 National Semiconductor Corporation DS200115 www.national.com |
Podobny numer części - LM3702YABPX-40 |
|
Podobny opis - LM3702YABPX-40 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |