Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS53L32A-KZ Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS53L32A-KZ
Szczegółowy opis  Low Voltage, Stereo A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L32A-KZ Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS53L32A-KZ Datasheet HTML 3Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 4Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 5Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 6Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 7Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 8Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 9Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 10Page - Cirrus Logic CS53L32A-KZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
CS53L32A
DS513F1
7
Notes: 1. Referenced to typical full-scale input voltage (0.5 Vrms).
2. Filter response is not tested but is guaranteed by design.
3. Filter characteristics scale with output sample rate. For output sample rates, Fs, other than 48 kHz, the
0.01 dB passband edge is 0.4535x Fs and the stopband edge is 0.625x Fs.
4. The analog modulator samples the input at 6.144 MHz for an Fs equal to 48 kHz. There is no rejection
of input signals which are multiples of the sampling frequency (n x 6.144 MHz ±21.8 kHz where
n = 0,1,2,3...).
5. Group delay for Fs = 48 kHz, tgd = 10/48 kHz = 208 µs.
High Pass Filter Characteristics
Frequency Response
-3 dB
(Note 2)
-0.1 dB
-
-
3.7
24.2
-
-
-
-
3.7
24.2
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 2)
-
10
-
-
10
-
Degree
Passband Ripple
(Note 2)
-
-
0.17
-
-
0.09
dB
Parameter
Symbol
Base-rate Mode
High-rate Mode
Unit
Min
Typ
Max
Min
Typ
Max


Podobny numer części - CS53L32A-KZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
   Low-Power Quad-Channel Microphone ADC with TDM Output
More results

Podobny opis - CS53L32A-KZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
PCM1804 TI1-PCM1804_14 Datasheet
611Kb / 36P
[Old version datasheet]   STEREO A/D CONVERTER
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
Texas Instruments
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M4334 UTC-M4334_15 Datasheet
248Kb / 9P
   STEREO AUDIO D/A CONVERTER 24BITS,96KHZ SAMPLING
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com