Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5590 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5590
Szczegółowy opis  16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5590 Arkusz danych(HTML) 4 Page - Analog Devices

  AD5590_17 Datasheet HTML 1Page - Analog Devices AD5590_17 Datasheet HTML 2Page - Analog Devices AD5590_17 Datasheet HTML 3Page - Analog Devices AD5590_17 Datasheet HTML 4Page - Analog Devices AD5590_17 Datasheet HTML 5Page - Analog Devices AD5590_17 Datasheet HTML 6Page - Analog Devices AD5590_17 Datasheet HTML 7Page - Analog Devices AD5590_17 Datasheet HTML 8Page - Analog Devices AD5590_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AD5590
Rev. A | Page 3 of 44
GENERAL DESCRIPTION
The AD5590 is a 16-channel input and 16-channel output
analog I/O port with eight uncommitted amplifiers, operating
from a single 4.5 V to 5.25 V supply. The AD5590 comprises
16 input channels multiplexed into a 1 MSPS, 12-bit successive
approximation ADC with a sequencer to allow a preprogrammed
selection of channels to be converted sequentially. The ADC
contains a low noise, wide bandwidth track-and-hold amplifier
that can handle input frequencies in excess of 1 MHz.
The conversion process and data acquisition are controlled using
ASYNC and the serial clock signal, allowing the device to easily
interface with microprocessors or DSPs. The input signal is
sampled on the falling edge of ASYNC and conversion is also
initiated at this point. There are no pipeline delays associated
with the ADC. By setting the relevant bits in the control register,
the analog input range for the ADC can be selected to be a 0 V
to VREFA input or a 0 V to 2 × VREFA with either straight binary
or twos complement output coding. The conversion time is
determined by the ASCLK frequency because it is also used
as the master clock to control the conversion.
The DAC section of the AD5590 comprises sixteen 12-bit DACs
divided into two groups of eight. Each group has an on-chip
reference. The on-board references are off at power-up, allowing
the use of external references. The internal references are enabled
via a software write.
The AD5590 incorporates a power-on reset circuit that ensures
that the DAC outputs power up to 0 V and remain powered up
at this level until a valid write takes place. The DAC contains a
power-down feature that reduces the current consumption of
the device and provides software-selectable output loads while
in power-down mode for any or all DAC channels. The outputs
of all DACs can be updated simultaneously using the LDAC
function, with the added functionality of user-selectable DAC
channels to simultaneously update. There is also an asynchronous
CLR that updates all DACs to a user-programmable code: zero
scale, midscale, or full scale.
The AD5590 contains eight low noise, single-supply amplifiers.
These amplifiers can be used for signal conditioning for the
ADCs, DACs, or other independent circuitry, if required.


Podobny numer części - AD5590_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5590BBC AD-AD5590BBC Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD5590BBCZ AD-AD5590BBCZ Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
More results

Podobny opis - AD5590_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5590 AD-AD5590 Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
AD15700 AD-AD15700 Datasheet
1Mb / 44P
   1 MSPS 16-/14-Bit Analog I/O Port
REV. A
logo
Advantech Co., Ltd.
PCI-1723 ADVANTECH-PCI-1723_15 Datasheet
351Kb / 1P
   16-bit, 8-ch Analog Output PCI Card with 16-ch Digital I/O
PCI-1723 ADVANTECH-PCI-1723 Datasheet
592Kb / 1P
   16-bit, 8-ch Analog Output PCI Card with 16-ch Digital I/O
logo
Analog Devices
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
   Analog I/O Port
REV. A
logo
Advantech Co., Ltd.
PCI-1721 ADVANTECH-PCI-1721 Datasheet
590Kb / 1P
   12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O
ADAM-6717 ADVANTECH-ADAM-6717 Datasheet
226Kb / 1P
   Intelligent I/O Gateway with Analog Input
26-Nov-2020
AMAX-4817 ADVANTECH-AMAX-4817 Datasheet
479Kb / 1P
   8-Channel, 16-Bit Isolated Analog Input EtherCAT Remote I/O Module
6-Sep-2018
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com