Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAS1000-4BCPZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADAS1000-4BCPZ
Szczegółowy opis  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BCPZ Arkusz danych(HTML) 4 Page - Analog Devices

  ADAS1000-4BCPZ Datasheet HTML 1Page - Analog Devices ADAS1000-4BCPZ Datasheet HTML 2Page - Analog Devices ADAS1000-4BCPZ Datasheet HTML 3Page - Analog Devices ADAS1000-4BCPZ Datasheet HTML 4Page - Analog Devices ADAS1000-4BCPZ Datasheet HTML 5Page - Analog Devices ADAS1000-4BCPZ Datasheet HTML 6Page - Analog Devices ADAS1000-4BCPZ Datasheet HTML 7Page - Analog Devices ADAS1000-4BCPZ Datasheet HTML 8Page - Analog Devices ADAS1000-4BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
ADAS1000-3/ADAS1000-4
Data Sheet
Rev. B | Page 4 of 80
FUNCTIONAL BLOCK DIAGRAM
Figure 1. ADAS1000-4 3-Channel Full Featured Model
Table 1. Overview of Features Available from ADAS1000 Generics
Generic
ECG
Operation
Right Leg Drive
Respiration
Pace
Detection
Shield
Driver
Master
Interface1
Package
Option
ADAS1000
5 ECG channels
Master/slave
Yes
Yes
Yes
Yes
Yes
LFCSP, LQFP
ADAS1000-1
5 ECG channels
Master/slave
Yes
Yes
Yes
LFCSP
ADAS1000-22
5 ECG channels
Slave
LFCSP, LQFP
ADAS1000-3
3 ECG channels
Master/slave
Yes
Yes
Yes
LFCSP, LQFP
ADAS1000-4
3 ECG channels
Master/slave
Yes
Yes
Yes
Yes
Yes
LFCSP, LQFP
1 Master interface is provided for users wishing to utilize their own digital pace algorithm; see the Secondary Serial Interface section.
2 This is a companion device for increased channel count purposes. It has a subset of features and is not intended for standalone use. It may be used in conjunction with
any master device.
ELECTRODES
×3
VREF
REFOUT
REFIN
CAL_DAC_IO
AMP
ADC
RESPIRATION PATH
MUXES
AC
LEAD-OFF
DAC
CALIBRATION
DAC
AMP
ADC
3× ECG PATH
FILTERS,
CONTROL,
AND
INTERFACE
LOGIC
PACE
DETECTION
CS
SCLK
SDI
SDO
DRDY
GPIO3
GPIO1/MSCLK
GPIO2/MSDO
GPIO0/MCS
AC
LEAD-OFF
DETECTION
+
COMMON-
MODE AMP
RLD_SJ
DRIVEN
LEAD
AMP
SHIELD
DRIVE
AMP
SHIELD
RLD_OUT CM_IN
XTAL1
XTAL2
IOVDD
CLOCK GEN/OSC/
EXTERNAL CLK
SOURCE
EXT_RESP_LA
EXT_RESP_LL
VCM_REF
(1.3V)
CLK_IO
AVDD
ADCVDD
DVDD
EXT_RESP_RA
CM_OUT/WCT
10kΩ
ADCVDD, DVDD
1.8V
REGULATORS
ADAS1000-4
BUFFER
RESPIRATION
DAC


Podobny numer części - ADAS1000-4BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAS1000-4 AD-ADAS1000-4 Datasheet
1Mb / 80P
   Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
More results

Podobny opis - ADAS1000-4BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADAS1000 AD-ADAS1000 Datasheet
131Kb / 3P
   Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End
Rev. Pr.D
ADAS1000 AD-ADAS1000_17 Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000BSTZ AD-ADAS1000BSTZ Datasheet
1Mb / 80P
   Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Microchip Technology
MCP2030 MICROCHIP-MCP2030 Datasheet
1Mb / 66P
   Three-Channel Analog Front-End Device
2005
MCP2030 MICROCHIP-MCP2030_13 Datasheet
958Kb / 66P
   Three-Channel Analog Front-End Device
2005-2013
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
   3V Three-Channel Analog Front End
03/25/14
MCP2030A-I MICROCHIP-MCP2030A-I Datasheet
1Mb / 66P
   Three-Channel Analog Front-End Device
08/24/05
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com