Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM27961TL Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM27961TL
Szczegółowy opis  Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27961TL Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  LM27961TL Datasheet HTML 1Page - National Semiconductor (TI) LM27961TL Datasheet HTML 2Page - National Semiconductor (TI) LM27961TL Datasheet HTML 3Page - National Semiconductor (TI) LM27961TL Datasheet HTML 4Page - National Semiconductor (TI) LM27961TL Datasheet HTML 5Page - National Semiconductor (TI) LM27961TL Datasheet HTML 6Page - National Semiconductor (TI) LM27961TL Datasheet HTML 7Page - National Semiconductor (TI) LM27961TL Datasheet HTML 8Page - National Semiconductor (TI) LM27961TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics (Notes 2, 7) (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 3.6V; VDxA = 0.6V; VDxB = 3.6V; ENA = 1.5V and ENB = GND, or ENA = GND and ENB =
1.5V; R
SETA =RSETB = 8.35k
Ω;C
IN,C1,C2 , and CPOUT = 1µF. Specifications related to output current(s) and current setting
pins (I
Dxx and ISETx) apply to both Group A and Group B. (Note 8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
R
OUT
Charge Pump Output Resistance
(Note 10)
V
IN = 3.0V
2.7
V
HR
Current Source Headroom
Voltage Requirement (Note 11)
I
Dxx =95%XIDxx (nom)
R
SET = 8.35k
(I
Dxx (nom)
≈ 15mA)
320
mV
f
SW
Switching Frequency
3.0V
≤ V
IN
≤ 4.2V
375
500
625
kHz
t
START
Start-up Time
I
Dx = 90% steady state
350
µs
1.5x/1x
Charge pump gain cross-over:
Gain = 1.5 when V
IN is below
threshold. Gain = 1 when V
IN is
above threshold.
1.5x to 1x Threshold
4.75
V
1x to 1.5x Threshold
4.55
V
Logic Pin Specifications: EN, ENA, ENB
V
IL
Input Logic Low
2.7V
≤ V
IN
≤ 5.5V
0
0.5
V
V
IH
Input Logic High
2.7V
≤ V
IN
≤ 5.5V
1.1
V
IN
V
I
LEAK
Input Leakage Current
V
ENx = 0V
0.1
µA
V
ENx = 3V (Note 12)
10
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160˚C (typ.) and disengages at TJ =
120˚C (typ.). The thermal shutdown function is guaranteed by design.
Note 4: The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
Note 5: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125˚C), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP –(θJA xPD-MAX).
Note 6: Junction-to-ambient thermal resistance is highly dependent on application and board layout. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues in board design.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: CIN,CPOUT,C1, and C2 : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics
Note 9: For the two groups of outputs on a part (Group A and Group B), the following are determined: the maximum output current in the group (MAX), the minimum
output current in the group (MIN), and the average output current of the group (AVG). For each group, two matching numbers are calculated: (MAX-AVG)/AVG and
(AVG-MIN)/AVG. The largest number of the two (worst case) is considered the matching figure for the group. The matching figure for a given part is considered to
be the highest matching figure of the two groups. The typical specification provided is the most likely norm of the matching figure for all parts.
Note 10: Output resistance (ROUT) models all voltage losses in the charge pump. ROUT can be used to estimate the voltage at the charge pump output (POUT):
VPout =(1.5xVIN)– (ROUT xIOUT). In the equation, IOUT is the total output current: the sum of all active Dxx output currents and all current drawn from POUT. The
equation applies when the charge pump is operating with a gain of 3/2 (VIN ≤ 4.75V typ.).
Note 11: Headroom voltage: VHR =VPout –VLEDx . If headroom voltage requirement is not met, LED current regulation will be compromised.
Note 12: There is a 300k
Ω(typ.) pull-down resistor connected internally between each enable pin (ENA, ENB) and GND.
www.national.com
4


Podobny numer części - LM27961TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
More results

Podobny opis - LM27961TL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eutech Microelectronics...
EUP2796 EUTECH-EUP2796 Datasheet
263Kb / 9P
   Dual-Display White LED Driver with 3/2X Switched Capacitor Boost
logo
National Semiconductor ...
LM2796 NSC-LM2796 Datasheet
172Kb / 8P
   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
Texas Instruments
LM27961 TI1-LM27961 Datasheet
267Kb / 16P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796 Datasheet
777Kb / 14P
[Old version datasheet]   Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
LM2796 TI1-LM2796_16 Datasheet
782Kb / 16P
[Old version datasheet]   LM2796 Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
logo
National Semiconductor ...
LM27953 NSC-LM27953 Datasheet
681Kb / 11P
   White LED Driver with Four LED Current Sinks and 3/2x Switched Capacitor Boost
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
   Regulated 2X, 1.5X Switched Capacitor White LED Driver
logo
Texas Instruments
LM2751SD-B TI-LM2751SD-B Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM2751 TI1-LM2751 Datasheet
1Mb / 19P
[Old version datasheet]   LM2751 Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM27951 TI1-LM27951_16 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com