Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


AD3PS-1 Datasheet(Arkusz danych) 1 Page - Mini-Circuits

Numer części AD3PS-1
Szczegółowy opis  Power Splitter/Combiner
Pobierz  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo 

   
 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
Typical Performance Data
Electrical Specifications
Maximum Ratings
Pin Connections
SUM PORT
1
PORT 1
8
PORT 2
5
PORT 3
4
GROUND
2,3,6,7
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
0.5W max.
Internal Dissipation
0.25W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
AD3PS-1+
electrical schematic
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
3 Way-0°
50Ω
1 to 300 MHz
Power Splitter/Combiner
REV. J
M151107
ED-7781/1
AD3PS-1+
HY/TD/CP/AM
170331
Surface Mount
A
B
C
D
E
F
G
.397
.032
.385
.435
.310
.215
.100
10.08
0.81
9.78
11.05
7.87
5.46
2.54
H
J
K
L
M
N
P
wt
.015
.025
.035
.075
.120
.060
.420 grams
0.38
0.64
0.89
1.91
3.05
1.52
10.67
0.45
Features
• wideband, 1 to 300 MHz
• high isolation, 35 dB typ.
• good input port matching VSWR, 1.12 typ.
• good output port matching VSWR, 1.14 typ.
• small surface mount package
Applications
• VHF-TV
• aircraft communications
Demo Board MCL P/N: TB-83
Suggested PCB Layout (PL-063)
CASE STYLE: CJ725
AD3PS-1+
TOTAL LOSS
5.0
5.2
5.4
5.6
5.8
6.0
0
50
100
150
200
250
300
FREQUENCY (MHz)
S-1
S-2
S-3
AD3PS-1+
ISOLATION
0
10
20
30
40
50
0
50
100
150
200
250
300
FREQUENCY (MHz)
1-2
1-3
2-3
AD3PS-1+
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
0
50
100
150
200
250
300
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
2
VSWR
3
S-1
S-2
S-3
1-2
1-3
2-3
1.00
5.15
5.16
5.17
0.01
36.32
40.91
35.31
0.04
1.10
1.24
1.26
1.25
4.00
5.05
5.06
5.06
0.01
42.83
45.40
44.11
0.04
1.04
1.13
1.13
1.13
7.00
5.05
5.06
5.06
0.01
43.56
45.44
46.46
0.09
1.04
1.11
1.12
1.12
10.00
5.06
5.06
5.06
0.01
43.53
45.25
46.58
0.11
1.04
1.11
1.11
1.11
20.00
5.08
5.08
5.09
0.01
42.24
43.79
43.05
0.16
1.04
1.10
1.10
1.11
40.00
5.11
5.12
5.12
0.00
38.90
40.37
37.60
0.35
1.06
1.10
1.10
1.10
60.00
5.14
5.14
5.15
0.01
36.16
37.63
34.33
0.51
1.08
1.10
1.11
1.11
100.00
5.21
5.20
5.21
0.00
32.45
33.97
30.23
0.89
1.12
1.11
1.12
1.12
120.00
5.24
5.24
5.23
0.01
31.12
32.66
28.79
1.05
1.14
1.11
1.12
1.12
200.00
5.42
5.40
5.39
0.03
27.39
29.05
24.87
1.69
1.21
1.14
1.16
1.15
220.00
5.47
5.44
5.42
0.05
26.68
28.34
24.14
1.84
1.23
1.15
1.17
1.16
240.00
5.54
5.50
5.48
0.06
25.96
27.65
23.43
1.93
1.25
1.15
1.18
1.17
260.00
5.63
5.57
5.55
0.08
25.24
26.92
22.74
2.15
1.27
1.16
1.19
1.18
280.00
5.71
5.65
5.63
0.09
24.50
26.14
22.04
2.25
1.29
1.18
1.21
1.19
300.00
5.82
5.74
5.71
0.11
23.71
25.31
21.33
2.39
1.31
1.19
1.23
1.21
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 4.8dB splitter loss.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
10, 20, 50, 100, 200
13”
500
L = 1-10 MHz
M = 10-150 MHz
U = 150-300 MHz
FREQ.
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 4.8 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Max.
Typ. Max.
Typ. Max.
Max. Max. Max.
Max. Max. Max.
1-300
40
23
35
20
27
18
0.3 0.8
0.4 1.0
0.8 1.5
1
4
6
0.2
0.3
0.5




Html Pages

1 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl