Zakładka z wyszukiwarką danych komponentów |
|
L78L10ABD13TR Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
L78L10ABD13TR Arkusz danych(HTML) 10 Page - STMicroelectronics |
10 / 24 page L78L00 SERIES 10/24 ELECTRICAL CHARACTERISTICS OF L78L05AB AND L78L05AC (refer to the test circuits, VI = 10V, IO =40mA, CI =0.33 µF, CO =0.1 µF, TJ = 0 to 125°C for L78L05AC, TJ = -40 to 125°C for L78L05AB, unless otherwise specified) ELECTRICAL CHARACTERISTICS OF L78L06AB AND L78L06AC (refer to the test circuits, VI = 12V, IO =40mA, CI =0.33 µF, CO =0.1 µF, TJ = 0 to 125°C for L78L06AC, TJ = -40 to 125°C for L78L06AB, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 4.8 5 5.2 V VO Output Voltage IO = 1 to 40 mA VI = 7 to 20 V 4.75 5.25 V IO = 1 to 70 mA VI = 10 V 4.75 5.25 ∆V O Line Regulation VI =7 to 20 V TJ = 25°C 150 mV VI =8 to 20 V TJ = 25°C 100 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 60 mV IO =1to 40mA TJ = 25°C 30 Id Quiescent Current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ∆I d Quiescent Current Change IO =1to 40mA 0.1 mA VI = 8 to 20 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 40 µV SVR Supply Voltage Rejection VI = 8 to 18 V f = 120Hz IO =40 mA TJ = 25°C 41 49 dB Vd Dropout Voltage 1.7 V Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage TJ = 25°C 5.76 6 6.24 V VO Output Voltage IO = 1 to 40 mA VI = 8.5 to 20 V 5.7 6.3 V IO = 1 to 70 mA VI = 12 V 5.7 6.3 ∆V O Line Regulation VI = 8.5 to 20 V TJ = 25°C 150 mV VI =9 to 20 V TJ = 25°C 100 ∆V O Load Regulation IO = 1 to 100 mA TJ = 25°C 60 mV IO =1to 40mA TJ = 25°C 30 Id Quiescent Current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ∆I d Quiescent Current Change IO =1to 40mA 0.1 mA VI = 9 to 20 V 1.5 eN Output Noise Voltage B =10Hz to 100KHz TJ = 25°C 50 µV SVR Supply Voltage Rejection VI = 9 to 20 V f = 120Hz IO =40 mA TJ = 25°C 39 46 dB Vd Dropout Voltage 1.7 V |
Podobny numer części - L78L10ABD13TR |
|
Podobny opis - L78L10ABD13TR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |