Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1212WR Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BF1212WR
Szczegółowy opis  N-channel dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1212WR Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BF1212WR Datasheet HTML 1Page - NXP Semiconductors BF1212WR Datasheet HTML 2Page - NXP Semiconductors BF1212WR Datasheet HTML 3Page - NXP Semiconductors BF1212WR Datasheet HTML 4Page - NXP Semiconductors BF1212WR Datasheet HTML 5Page - NXP Semiconductors BF1212WR Datasheet HTML 6Page - NXP Semiconductors BF1212WR Datasheet HTML 7Page - NXP Semiconductors BF1212WR Datasheet HTML 8Page - NXP Semiconductors BF1212WR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2003 Nov 14
2
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1212; BF1212R; BF1212WR
FEATURES
• Short channel transistor with high forward transfer
admittance to input capacitance ratio
• Low noise gain controlled amplifier
• Excellent low frequency noise performance
• Partly internal self-biasing circuit to ensure good
cross-modulation performance during AGC and good
DC stabilization.
APPLICATIONS
• Gain controlled low noise VHF and UHF amplifiers for
5 V digital and analog television tuner applications.
DESCRIPTION
Enhancement type N-channel field-effect transistor with
source and substrate interconnected. Integrated diodes
between gates and source protect against excessive input
voltage surges. The BF1212, BF1212R and BF1212WR
are encapsulated in the SOT143B, SOT143R and
SOT343R plastic packages respectively.
PINNING
PIN
DESCRIPTION
1
source
2
drain
3
gate 2
4
gate 1
handbook, 2 columns
Top view
MSB014
12
3
4
Fig.1 Simplified outline (SOT143B).
BF1212; marking code: LGp
handbook, 2 columns
Top view
MSB035
1
2
4
3
Fig.2 Simplified outline (SOT143R).
BF1212R; marking code: LKp
handbook, halfpage
Top view
MSB842
21
4
3
Fig.3 Simplified outline (SOT343R).
BF1212WR; marking code: ML
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
6V
ID
drain current
−−
30
mA
Ptot
total power dissipation
−−
180
mW
y
fs
forward transfer admittance
28
33
43
mS
Cig1-ss
input capacitance at gate 1
1.7
2.2
pF
Crss
reverse transfer capacitance
f = 1 MHz
15
30
fF
F
noise figure
f = 800 MHz
1.1
1.8
dB
Xmod
cross-modulation
input level for k = 1 % at
40 dB AGC
100
104
dB
µV
Tj
junction temperature
−−
150
°C


Podobny numer części - BF1212WR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1212WR NXP-BF1212WR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Podobny opis - BF1212WR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com