Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9272 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9272
Szczegółowy opis  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9272 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9272_17 Datasheet HTML 6Page - Analog Devices AD9272_17 Datasheet HTML 7Page - Analog Devices AD9272_17 Datasheet HTML 8Page - Analog Devices AD9272_17 Datasheet HTML 9Page - Analog Devices AD9272_17 Datasheet HTML 10Page - Analog Devices AD9272_17 Datasheet HTML 11Page - Analog Devices AD9272_17 Datasheet HTML 12Page - Analog Devices AD9272_17 Datasheet HTML 13Page - Analog Devices AD9272_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
AD9272
Rev. C | Page 9 of 44
SWITCHING SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, fIN = 5 MHz, full temperature, unless otherwise noted.
Table 3.
Parameter1
Temp
Min
Typ
Max
Unit
CLOCK2
Clock Rate
Full
10
80
MSPS
Clock Pulse Width High (tEH)
Full
6.25
ns
Clock Pulse Width Low (tEL)
Full
6.25
ns
OUTPUT PARAMETERS2, 3
Propagation Delay (tPD)
Full
(tSAMPLE/2) + 1.5
(tSAMPLE/2) + 2.3
(tSAMPLE/2) + 3.1
ns
Rise Time (tR) (20% to 80%)
Full
300
ps
Fall Time (tF) (20% to 80%)
Full
300
ps
FCO± Propagation Delay (tFCO)
Full
(tSAMPLE/2) + 1.5
(tSAMPLE/2) + 2.3
(tSAMPLE/2) + 3.1
ns
DCO± Propagation Delay (tCPD)4
Full
tFCO + (tSAMPLE/24)
ns
DCO± to Data Delay (tDATA)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
DCO± to FCO± Delay (tFRAME)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
Data-to-Data Skew
(tDATA-MAX − tDATA-MIN)
Full
±100
±350
ps
Wake-Up Time (Standby), GAIN+ = 0.8 V
25°C
2
μs
Wake-Up Time (Power-Down)
25°C
1
ms
Pipeline Latency
Full
8
Clock cycles
APERTURE
Aperture Uncertainty (Jitter)
25°C
<1
ps rms
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and information about how these tests were
completed.
2 Can be adjusted via the SPI.
3 Measurements were made using a part soldered to FR-4 material.
4 tSAMPLE/24 is based on the number of bits divided by 2 because the delays are based on half duty cycles.


Podobny numer części - AD9272_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9272-65EBZ1 AD-AD9272-65EBZ1 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9272-80KITZ1 AD-AD9272-80KITZ1 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9272BSVZ-401 AD-AD9272BSVZ-401 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9272BSVZ-651 AD-AD9272BSVZ-651 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9272BSVZ-801 AD-AD9272BSVZ-801 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results

Podobny opis - AD9272_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9273 AD-AD9273_08 Datasheet
65Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com