Zakładka z wyszukiwarką danych komponentów |
|
AD9271BSVZ-40 Arkusz danych(PDF) 9 Page - Analog Devices |
|
AD9271BSVZ-40 Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 61 page AD9271 Rev. B | Page 8 of 60 SWITCHING SPECIFICATIONS AVDD = 1.8 V, DRVDD = 1.8 V, CWVDD = 3.3 V, 400 mV p-p differential input, 1.0 V internal ADC reference, AIN = −0.5 dBFS, unless otherwise noted. Table 3. Parameter1 Temp Min Typ Max Unit CLOCK2 Maximum Clock Rate Full 50 MSPS Minimum Clock Rate Full 10 MSPS Clock Pulse Width High (tEH) Full 10.0 ns Clock Pulse Width Low (tEL) Full 10.0 ns OUTPUT PARAMETERS2, 3 Propagation Delay (tPD) Full 1.5 2.3 3.1 ns Rise Time (tR) (20% to 80%) Full 300 ps Fall Time (tF) (20% to 80%) Full 300 ps FCO Propagation Delay (tFCO) Full 1.5 2.3 3.1 ns DCO Propagation Delay (tCPD)4 Full tFCO + (tSAMPLE/24) ns DCO to Data Delay (tDATA)4 Full (tSAMPLE/24) − 300 (tSAMPLE/24) (tSAMPLE/24) + 300 ps DCO to FCO Delay (tFRAME)4 Full (tSAMPLE/24) − 300 (tSAMPLE/24) (tSAMPLE/24) + 300 ps Data-to-Data Skew (tDATA-MAX − tDATA-MIN) Full ±50 ±200 ps Wake-Up Time (Standby), VGAIN = 0.5 V 25°C 1 μs Wake-Up Time (Power-Down) 25°C 1 ms Pipeline Latency Full 8 Clock cycles APERTURE Aperture Uncertainty (Jitter) 25°C <1 ps rms 1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed. 2 Can be adjusted via the SPI interface. 3 Measurements were made using a part soldered to FR-4 material. 4 tSAMPLE/24 is based on the number of bits divided by 2, because the delays are based on half duty cycles. |
Podobny numer części - AD9271BSVZ-40 |
|
Podobny opis - AD9271BSVZ-40 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |