Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9272BSVZRL-80 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9272BSVZRL-80
Szczegółowy opis  Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9272BSVZRL-80 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9272BSVZRL-80 Datasheet HTML 3Page - Analog Devices AD9272BSVZRL-80 Datasheet HTML 4Page - Analog Devices AD9272BSVZRL-80 Datasheet HTML 5Page - Analog Devices AD9272BSVZRL-80 Datasheet HTML 6Page - Analog Devices AD9272BSVZRL-80 Datasheet HTML 7Page - Analog Devices AD9272BSVZRL-80 Datasheet HTML 8Page - Analog Devices AD9272BSVZRL-80 Datasheet HTML 9Page - Analog Devices AD9272BSVZRL-80 Datasheet HTML 10Page - Analog Devices AD9272BSVZRL-80 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
AD9272
Rev. C | Page 6 of 44
AD9272-40
AD9272-65
AD9272-80
Parameter1
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
GAIN ACCURACY
25°C
Gain Law Confor-
mance Error
0 V < GAIN+ <
0.16 V
1.5
1.5
1.5
dB
0.16 V < GAIN+ <
1.44 V
−1.5
+1.5
−1.5
+1.5
−1.6
+1.6
dB
1.44 V < GAIN+ <
1.6 V
−2.5
−2.5
−2.5
dB
Linear Gain Error
GAIN+ = 0.8 V,
normalized for
ideal AAF loss
−1.5
+1.5
−1.5
+1.5
−1.6
+1.6
dB
Channel-to-Channel
Matching
0.16 V < GAIN+ <
1.44 V
0.1
0.1
0.1
dB
GAIN CONTROL
INTERFACE
Normal Operating
Range
0
1.6
0
1.6
0
1.6
V
Gain Range
GAIN+ = 0 V to
1.6 V
42
42
42
dB
Scale Factor
28.5
28.5
28.5
dB/V
Response Time
42 dB change
750
750
750
ns
Gain+ Impedance
Single-ended
10
10
10
Gain− Impedance
Single-ended
70
70
70
CW DOPPLER MODE
Transconductance
(differential)
LNA gain =
15.6 dB/
17.9 dB/
21.3 dB
5.4/7.3/10.9
5.4/7.3/10.9
5.4/7.3/10.9
mA/V
Output Level Range
(differential)
CW Doppler
output pins
1.5
3.6
1.5
3.6
1.5
3.6
V
Input-Referred
Noise Voltage
LNA gain =
15.6 dB/
17.9 dB/
21.3 dB,
RS = 0 Ω,
RFB = ∞,
RL = 675 Ω
2.35/1.82/1.31
2.35/1.82/1.31
2.35/1.82/1.31
nV/√Hz
Input-Referred
Dynamic Range
LNA gain =
15.6 dB/
17.9 dB/
21.3 dB,
RS = 0 Ω,
RFB = ∞
161/161/160
161/161/160
161/161/160
dBFS/√Hz
Two-Tone IMD3
(2 × F1 − F2)
Distortion
fIN1 = 5.0 MHz at
−1 dBFS (FS at LNA
input),
fIN2 = 5.01 MHz at
−21 dBFS (FS at
LNA input),
LNA gain = 21.3 dB
−70
−70
−70
dBc
Output DC Bias
(single-ended)
Per channel
2.4
2.4
2.4
mA
Maximum Output
Swing (single-
ended)
Per channel
±2
±2
±2
mA p-p
POWER SUPPLY
AVDD1
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
AVDD2
2.7
3.0
3.6
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V


Podobny numer części - AD9272BSVZRL-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9272BSVZRL-801 AD-AD9272BSVZRL-801 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results

Podobny opis - AD9272BSVZRL-80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
AD9273 AD-AD9273_08 Datasheet
65Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com