Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9278-50EBZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9278-50EBZ
Szczegółowy opis  Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9278-50EBZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD9278-50EBZ Datasheet HTML 1Page - Analog Devices AD9278-50EBZ Datasheet HTML 2Page - Analog Devices AD9278-50EBZ Datasheet HTML 3Page - Analog Devices AD9278-50EBZ Datasheet HTML 4Page - Analog Devices AD9278-50EBZ Datasheet HTML 5Page - Analog Devices AD9278-50EBZ Datasheet HTML 6Page - Analog Devices AD9278-50EBZ Datasheet HTML 7Page - Analog Devices AD9278-50EBZ Datasheet HTML 8Page - Analog Devices AD9278-50EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
AD9278
Data Sheet
Rev. A | Page 4 of 44
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Input-Referred Noise Voltage
GAIN+ = 1.6 V, RFB = ∞
LNA gain = 15.6 dB
1.7
nV/√Hz
LNA gain = 17.9 dB
1.5
nV/√Hz
LNA gain = 21.3 dB
1.3
nV/√Hz
Noise Figure
GAIN+ = 1.6 V, RS = 50 Ω
Active Termination Matched
LNA gain = 15.6 dB, RFB = 200 Ω
9.2
dB
LNA gain = 17.9 dB, RFB = 250 Ω
7.7
dB
LNA gain = 21.3 dB, RFB = 350 Ω
6.3
dB
Unterminated
LNA gain = 15.6 dB, RFB = ∞
6.7
dB
LNA gain = 17.9 dB, RFB = ∞
5.7
dB
LNA gain = 21.3 dB, RFB = ∞
4.9
dB
Correlated Noise Ratio
No signal, correlated/uncorrelated
−30
dB
Output Offset
−35
+35
LSB
Signal-to-Noise Ratio (SNR)
fIN = 5 MHz at −10 dBFS, GAIN+ = 0 V,
65
dBFS
fIN = 5 MHz at −1 dBFS, GAIN+ = 1.6 V
57
dBFS
Harmonic Distortion
Second Harmonic
fIN = 5 MHz at −10 dBFS, GAIN+ = 0 V
−70
dBc
fIN = 5 MHz at −1 dBFS, GAIN+ = 1.6 V
−70
dBc
Third Harmonic
fIN = 5 MHz at −10 dBFS, GAIN+ = 0 V
−70
dBc
fIN = 5 MHz at −1 dBFS, GAIN+ = 1.6 V
−70
dBc
Two-Tone Intermodulation (IMD3)
fRF1 = 5.015 MHz, fRF2 = 5.020 MHz,
ARF1 = 0 dB, ARF2 = −20 dB, GAIN+ =
1.6 VIMD3 relative to ARF2
−70
dBc
Channel-to-Channel Crosstalk
fIN1 = 5.0 MHz at −1 dBFS
−60
dB
Overrange condition2
−55
dB
Channel-to-Channel Delay
Variation
Full TGC path, fIN = 5 MHz, GAIN+ = 0 V to
1.6 V
0.3
Degrees
PGA Gain
Differential input to differential output
21/24/27/30
dB
GAIN ACCURACY
25°C
Gain Law Conformance Error
0 < GAIN+ < 0.16 V
0.5
dB
0.16 V < GAIN+ < 1.44 V
−1.6
+1.6
dB
1.44 V < GAIN+ < 1.6 V
0.5
dB
Linear Gain Error
GAIN+ = 0.8 V, normalized for ideal AAF
loss
−1.6
+1.6
dB
Channel-to-Channel Matching
0.16 V < GAIN+ < 1.44 V
0.1
dB
GAIN CONTROL INTERFACE
Control Range
Differential
−0.8
+0.8
V
Single-ended
0
1.6
V
Gain Range
GAIN+ = 0 V to 1.6 V
45
dB
Scale Factor
28
dB/V
Response Time
45 dB change
750
ns
Gain+ Impedance
Single-ended
10
Gain− Impedance
Single-ended
70
CW DOPPLER MODE
LO Frequency
fLO = f4LO/4
1
10
MHz
Phase Resolution
Per channel
22.5
Degrees
Output DC Bias (Single-Ended)
CWI+, CWI−, CWQ+, CWQ−
1.5
V
Output AC Current Range
Per CWI+, CWI−, CWQ+, CWQ−, each
channel enabled
±1.25
mA
Transconductance (Differential)
Demodulated IOUT/VIN, per CWI+, CWI−,
CWQ+, CWQ−
LNA gain = 15.6 dB
1.8
mA/V
LNA gain = 17.9 dB
2.4
mA/V
LNA gain = 21.3 dB
3.5
mA/V


Podobny numer części - AD9278-50EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9271 AD-AD9271 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271-50EBZ AD-AD9271-50EBZ Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9271BSVZ-25 AD-AD9271BSVZ-25 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9271BSVZ-25 AD-AD9271BSVZ-25 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
More results

Podobny opis - AD9278-50EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9276 AD-AD9276 Datasheet
1,022Kb / 48P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Rev. 0
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9277 AD-AD9277 Datasheet
1Mb / 48P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com