Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM3565M20 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FM3565M20
Szczegółowy opis  CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3565M20 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FM3565M20 Datasheet HTML 1Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 2Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 3Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 4Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 5Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 6Page - Fairchild Semiconductor FM3565M20 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.fairchildsemi.com
www.fairchildsemi.com
FM3565 Rev. A.1
Reading from the Registers
Data can be read from both of the internal registers. All reads are
non-destructive and do not change the value in the register or the
internal state of the device. When a start condition is received with
a read request, both registers can be read out in the following
sequence:
(1)
SOPRA: Serial Output Port Register A
(2)
SPORB: Serial Output Port Register B
(3)
PIPR: PORT-I Value
If so desired, only the SOPRA register can be read. This is
accomplished by issuing a stop command after the acknowledge
bit for the first byte is read. If no stop is issued, the device will output
the registers in the above sequence.
Writing to the Registers
Data is written to the SOPR registers through the serial port
interface. When a write request is received with the Start Address,
it is assumed that the intent is to write to the SOPR registers. The
value placed in the least 6 significant bits of the register contain the
new code to be placed in the SOPR A/B registers. The value of the
two most significant bits must contain the address of the destina-
tion register SOPRA or SOPRB.
The internal non-volatile latch takes about 10 ms to update its
data.
Register Read Sequence
Slave
SOPRA
SOPRB
PIPR
S Address R A Register A Register A Register A P
S
1001110
1
A 00bbbbbb
A 00bbbbbb
A 00bbbbbb
A
P
Register Write Sequence
Slave
SOPRx
S Address W A Register A S
S
1001110
0
A xxbbbbbb
A
S
xx = Register Selection bits (MXSB and MXSA) xx = 00 selects
SOPRA, 01 selects SOPRB
Register Write Sequence using
Repeated Start Condition
Slave
SOPRA
Slave
SOPRx
S Address R A
Register
A S Address W A
Register
A P
S 1001110 1
A 00bbbbbb A
S 1001110 0
A xxbbbbbb A
P
Figure 4
This protocol uniquely defines START and STOP conditions. A
START condition is defined as a HIGH to LOW transition of the
SDA signal while SCL is HIGH. A STOP condition is defined as a
LOW to HIGH transition of the SDA signal while SCL is HIGH.
These are shown in Figure 2.
Device Addressing
The device uses 7-bit addressing. The address has been defined
as 1001 110 if the ASEL input is ‘1’ and 0110 111 if the ASEL input
is ‘0’. The address byte is the first byte of data sent after a start
condition. This is the only address that this device will respond to.
The device will not respond to the general call address 0000 000.
SDA
SCL
START
Condition
STOP
Condition
OVRD
MUXSEL
A/B
Mux_outputs
0
0
X
all 0's
0
1
X
Mux_inputs
1
0
0
From Non-volatile
register (SOPRB)
1
0
1
From Non-volatile
register (SOPRA)
1
1
X
Mux_inputs
Table 1. Multiplexer Control Options
Multiplexer Logic
The output multiplexer logic determines what value is actually
output to the Y-port. The above table describes all the
combinations.
Serial Interface
The IIC Interface is a standard slave interface. As such, the device
will not generate its own clock. Data can be read from and written
into the device. Commands for reading and writing the registers
are generated by the Master.
START and STOP Conditions


Podobny numer części - FM3565M20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM3560M20 FAIRCHILD-FM3560M20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
FM3560MT20 FAIRCHILD-FM3560MT20 Datasheet
100Kb / 10P
   4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
More results

Podobny opis - FM3565M20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM3570 FAIRCHILD-FM3570 Datasheet
93Kb / 8P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com