Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMB3EZ120D5 Arkusz danych(PDF) 2 Page - Micro Commercial Components

Numer części SMB3EZ120D5
Szczegółowy opis  3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMB3EZ120D5 Arkusz danych(HTML) 2 Page - Micro Commercial Components

  SMB3EZ120D5 Datasheet HTML 1Page - Micro Commercial Components SMB3EZ120D5 Datasheet HTML 2Page - Micro Commercial Components SMB3EZ120D5 Datasheet HTML 3Page - Micro Commercial Components SMB3EZ120D5 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: A
2015/12/05
www.mccsemi.com
2 of
4
Maximum
DC Zener
Current
VZ @ IZT
IZT
ZZT @ IZT ZZK @ IZK
IZK
IZM
(V)
(mA)
( )
( )
(mA)
( A)
(V)
(mA)
SMB3EZ5.6D5
3H6
5.6
134.0
2.5
600
1.00
5.0
2.0
481
SMB3EZ6.2D5
3A0
6.2
121.0
1.5
700
1.00
5.0
3.0
435
SMB3EZ6.8D5
3A1
6.8
110.0
2.0
700
1.00
5.0
4.0
393
SMB3EZ7.5D5
3A2
7.5
100.0
2.0
700
0.50
5.0
5.0
360
SMB3EZ8.2D5
3A3
8.2
91.0
2.3
700
0.50
5.0
6.0
330
SMB3EZ9.1D5
3A4
9.1
82.0
2.5
700
0.50
3.0
7.0
297
SMB3EZ10D5
3A5
10.0
75.0
3.5
700
0.25
3.0
7.6
270
SMB3EZ11D5
3A6
11.0
68.0
4.0
700
0.25
1.0
8.4
225
SMB3EZ12D5
3A7
12.0
63.0
4.5
700
0.25
1.0
9.1
246
SMB3EZ13D5
3A8
13.0
58.0
4.5
700
0.25
0.5
9.9
208
SMB3EZ14D5
3A9
14.0
53.0
5.0
700
0.25
0.5
10.6
193
SMB3EZ15D5
3B0
15.0
50.0
5.5
700
0.25
0.5
11.4
180
SMB3EZ16D5
3B1
16.0
47.0
5.5
700
0.25
0.5
12.2
169
SMB3EZ17D5
3B2
17.0
44.0
6.0
750
0.25
0.5
13.0
159
SMB3EZ18D5
3B3
18.0
42.0
6.0
750
0.25
0.5
13.7
150
SMB3EZ19D5
3B4
19.0
40.0
7.0
750
0.25
0.5
14.4
142
SMB3EZ20D5
3B5
20.0
37.0
7.0
750
0.25
0.5
15.2
135
SMB3EZ22D5
3B6
22.0
34.0
8.0
750
0.25
0.5
16.7
123
SMB3EZ24D5
3B7
24.0
31.0
9.0
750
0.25
0.5
18.2
112
SMB3EZ27D5
3B8
27.0
28.0
10.0
750
0.25
0.5
20.6
100
SMB3EZ28D5
3B9
28.0
27.0
12.0
750
0.25
0.5
21.0
96
SMB3EZ30D5
3C0
30.0
25.0
16.0
1000
0.25
0.5
22.5
90
SMB3EZ33D5
3C1
33.0
23.0
20.0
1000
0.25
0.5
25.1
82
SMB3EZ36D5
3C2
36.0
21.0
22.0
1000
0.25
0.5
27.4
75
SMB3EZ39D5
3C3
39.0
19.0
28.0
1000
0.25
0.5
29.7
69
SMB3EZ43D5
3C4
43.0
17.0
33.0
1500
0.25
0.5
32.7
63
SMB3EZ47D5
3C5
47.0
16.0
38.0
1500
0.25
0.5
35.6
57
SMB3EZ51D5
3C6
51.0
15.0
45.0
1500
0.25
0.5
38.8
53
SMB3EZ56D5
3C7
56.0
13.0
50.0
2000
0.25
0.5
42.6
48
SMB3EZ62D5
3C8
62.0
12.0
55.0
2000
0.25
0.5
47.1
44
SMB3EZ68D5
3C9
68.0
11.0
70.0
2000
0.25
0.5
51.7
40
SMB3EZ75D5
3F0
75.0
10.0
85.0
2000
0.25
0.5
56.0
36
SMB3EZ82D5
3F1
82.0
9.1
95.0
3000
0.25
0.5
62.2
33
SMB3EZ91D5
3F2
91.0
8.2
115
3000
0.25
0.5
69.2
30
SMB3EZ100D5
3F3
100
7.5
160
3000
0.25
0.5
76.0
27
SMB3EZ110D5
3F4
110
6.8
225
4000
0.25
0.5
83.6
25
SMB3EZ120D5
3F5
120
6.3
300
4500
0.25
0.5
91.2
22
SMB3EZ130D5
3F6
130
5.8
375
5000
0.25
0.5
98.8
21
SMB3EZ140D5
3F7
140
5.3
475
5000
0.25
0.5
106.4
19
150
5.0
550
6000
0.25
0.5
114.0
18
on IZT per JEDEC method
Notes :
(1) The type number listed have a standard tolerance on the nominal zener voltage of ± 5 %
(2) The revese surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
Device
Marking
Code
Nominal Zener
Voltage
Maximum Zener Impedance Maximum Reverse
Leakage Current
IR @ VR
Micro Commercial Components
M C C
TM
SMB3EZ160D5
3F9
160
4.7
625
6500
0.25
0.5
121.6
17
SMB3EZ170D5
3G1
170
4.4
650
7000
0.25
0.5
130.4
16
SMB3EZ180D5
3G2
180
4.2
700
7000
0.25
0.5
136.8
15
SMB3EZ190D5
3G3
190
4.0
800
8000
0.25
0.5
144.8
14
SMB3EZ200D5
3G4
200
3.7
875
8000
0.25
0.5
152.0
13
SMB3EZ150D5
3F8


Podobny numer części - SMB3EZ120D5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SMB3EZ120D5 SECOS-SMB3EZ120D5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMB3EZ120D5 ANOVA-SMB3EZ120D5 Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
SMB3EZ120D5;3F5;DO-214AA ANOVA-SMB3EZ120D5;3F5;DO-214AA Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
More results

Podobny opis - SMB3EZ120D5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
3EZ75D5 MCC-3EZ75D5 Datasheet
525Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
3EZ24D5-TP MCC-3EZ24D5-TP Datasheet
402Kb / 5P
   3 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA3EZ270D5 MCC-SMA3EZ270D5 Datasheet
562Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 6.2-270 Volts
2EZ75D5 MCC-2EZ75D5 Datasheet
513Kb / 5P
   W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA2EZ10D5HE3 MCC-SMA2EZ10D5HE3 Datasheet
354Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA2EZ75D5 MCC-SMA2EZ75D5 Datasheet
255Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ75D5 MCC-SMB2EZ75D5 Datasheet
287Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 5.1-75 Volts
SMB2EZ10D5HE3 MCC-SMB2EZ10D5HE3 Datasheet
366Kb / 5P
   2 W Glass Passivated Junction Silicon Zener Diode 10-75 Volts
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com