Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD524 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD524
Szczegółowy opis  Precision Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD524 Arkusz danych(HTML) 3 Page - Analog Devices

  AD524 Datasheet HTML 1Page - Analog Devices AD524 Datasheet HTML 2Page - Analog Devices AD524 Datasheet HTML 3Page - Analog Devices AD524 Datasheet HTML 4Page - Analog Devices AD524 Datasheet HTML 5Page - Analog Devices AD524 Datasheet HTML 6Page - Analog Devices AD524 Datasheet HTML 7Page - Analog Devices AD524 Datasheet HTML 8Page - Analog Devices AD524 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
AD524
Rev. G | Page 3 of 25
SPECIFICATIONS
At VS = ±15 V, RL = 2 kΩ and TA = +25°C, unless otherwise noted.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at the final electrical
test. Results from those tests are used to calculate outgoing quality levels.
Table 1.
AD524A
AD524B
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Gain Equation (External Resistor Gain Programming)
%
20
1
000
,
40
±
+
G
R
%
20
1
000
,
40
±
+
G
R
Gain Range (Pin Programmable)
1 to 1000
1 to 1000
Gain Error1
G = 1
±0.05
±0.03
%
G = 10
±0.25
±0.15
%
G = 100
±0.5
±0.35
%
G = 1000
±2.0
±1.0
%
Nonlinearity
G = 1
±0.01
±0.005
%
G = 10, G = 100
±0.01
±0.005
%
G = 1000
±0.01
±0.01
%
Gain vs. Temperature
G = 1
5
5
ppm/°C
G = 10
15
10
ppm/°C
G = 100
35
25
ppm/°C
G = 1000
100
50
ppm/°C
VOLTAGE OFFSET (May be Nulled)
Input Offset Voltage
250
100
µV
vs. Temperature
2
0.75
µV/°C
Output Offset Voltage
5
3
mV
vs. Temperature
100
50
µV/°C
Offset Referred to the Input vs. Supply
G = 1
70
75
dB
G = 10
85
95
dB
G = 100
95
105
dB
G = 1000
100
110
dB
INPUT CURRENT
Input Bias Current
±50
±25
nA
vs. Temperature
±100
±100
pA/°C
Input Offset Current
±35
±15
nA
vs. Temperature
±100
±100
pA/°C


Podobny numer części - AD524

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD524 AD-AD524 Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524 AD-AD524 Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD524 AD-AD524 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD524 AD-AD524 Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524 AD-AD524 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
More results

Podobny opis - AD524

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com