Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD790SQ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD790SQ
Szczegółowy opis  Fast, Precision Fast, Precision
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD790SQ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD790SQ Datasheet HTML 3Page - Analog Devices AD790SQ Datasheet HTML 4Page - Analog Devices AD790SQ Datasheet HTML 5Page - Analog Devices AD790SQ Datasheet HTML 6Page - Analog Devices AD790SQ Datasheet HTML 7Page - Analog Devices AD790SQ Datasheet HTML 8Page - Analog Devices AD790SQ Datasheet HTML 9Page - Analog Devices AD790SQ Datasheet HTML 10Page - Analog Devices AD790SQ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD790
REV.
–8–
2
3
1
4
6
7
5
8
TTL
LEVEL
OUTPUT
400 *
5V
+
GND
STANDARD
SCHOTTKY
DIODE
1k
A RESISTOR UP TO 10k
MAYBE USED TO
REDUCE THE SOURCE AND SINK CURRENT OF
THE DRIVER. HOWEVER, THIS WILL SLIGHTLY
LOWER THE MAXIMUM USABLE CLOCK RATE.
*
BIPOLAR
SIGNAL
INPUT
4.7V
0.3V
5V
Figure 11. A Bipolar to CMOS TTL Line Receiver (N, Q
Package Pinout)
Bipolar to CMOS/TTL
It is sometimes desirable to translate a bipolar signal (e.g.,
±5 V) coming from a communications cable or another section
of the system to CMOS/TTL logic levels; such an application is
referred to as a line receiver. Previously, the interface to the
bipolar signal required either a dual (
±) power supply or a refer-
ence voltage level about which the line receiver would switch.
The AD790 may be used in a simple circuit to provide a unique
capability: the ability to receive a bipolar signal while powered
from a single 5 V supply. Other comparators cannot perform
this task. Figure 11 shows a 1 k
Ω resistor in series with the input
signal which is then clamped by a Schottky diode, holding the
input of the comparator at 0.4 V below ground. Although the
comparator is specified for a common mode range down to –VS,
(in this case ground) it is permissible to bring one of the inputs
a few hundred mV below ground. The comparator switches
around this level and produces a CMOS/TTL compatible swing.
The circuit will operate to switching frequencies of 20 MHz.
E


Podobny numer części - AD790SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD790SQ AD-AD790SQ Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
AD790SQ AD-AD790SQ Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
AD790SQ AD-AD790SQ Datasheet
158Kb / 12P
   Fast, Precision Comparator
REV. D
AD790SQ/883B AD-AD790SQ/883B Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
More results

Podobny opis - AD790SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790 Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
AD790JNZ AD-AD790JNZ Datasheet
158Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
   Fast, Precision Comparator
Rev. E
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
   Fast, Precision Comparator
REV. D
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
   Ultra-Fast Precision TTL Comparators
logo
Bourns Electronic Solut...
SF-2410FP-T BOURNS-SF-2410FP-T Datasheet
609Kb / 9P
   Fast Acting Precision SMD Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
logo
Texas Instruments
TL3116 TI-TL3116 Datasheet
213Kb / 13P
[Old version datasheet]   ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com