Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8041AR Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD8041AR
Szczegółowy opis  160 MHz Rail-to-Rail Amplifier with Disable
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8041AR Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD8041AR Datasheet HTML 2Page - Analog Devices AD8041AR Datasheet HTML 3Page - Analog Devices AD8041AR Datasheet HTML 4Page - Analog Devices AD8041AR Datasheet HTML 5Page - Analog Devices AD8041AR Datasheet HTML 6Page - Analog Devices AD8041AR Datasheet HTML 7Page - Analog Devices AD8041AR Datasheet HTML 8Page - Analog Devices AD8041AR Datasheet HTML 9Page - Analog Devices AD8041AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
REV. B
–4–
AD8041
SPECIFICATIONS (@ T
A = 25 C, VS =
5 V, RL = 2 k
to 0 V, unless otherwise noted.)
AD8041A
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth, VO < 0.5 V p-p
G = +1
140
170
MHz
Bandwidth for 0.1 dB Flatness
G = +2, RL = 150
32
MHz
Slew Rate
G = –1, VO = 2 V Step
140
170
V/
µs
Full Power Response
VO = 2 V p-p
26
MHz
Settling Time to 0.1%
G = –1, VO = 2 V Step
30
ns
Settling Time to 0.01%
50
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, G = +2, RL = 1 k
–77
dB
Input Voltage Noise
f = 10 kHz
16
nV/
√Hz
Input Current Noise
f = 10 kHz
600
fA/
√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150
0.02
%
G = +2, RL = 75
0.02
%
Differential Phase Error (NTSC)
G = +2, RL = 150
0.03
Degrees
G = +2, RL = 75
0.10
Degrees
DC PERFORMANCE
Input Offset Voltage
27
mV
TMIN to TMAX
8mV
Offset Drift
10
µV/°C
Input Bias Current
1.2
3.2
µA
TMIN to TMAX
3.5
µA
Input Offset Current
0.2
0.6
µA
Open-Loop Gain
RL = 1 k
90
99
dB
TMIN to TMAX
95
dB
INPUT CHARACTERISTICS
Input Resistance
160
k
Input Capacitance
1.8
pF
Input Common-Mode Voltage Range
–5.2 to +4
V
Common-Mode Rejection Ratio
VCM = –5 V to +3.5 V
72
80
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing: RL = 10 k
–4.95 to +4.95
V
Output Voltage Swing: RL = 1 k
–4.45 to +4.6
–4.8 to +4.8
V
Output Voltage Swing: RL = 50
–4.3 to +3.2
–4.5 to +3.8
V
Output Current
VOUT = –4.5 V to +4.5 V
50
mA
Short-Circuit Current
Sourcing
100
mA
Sinking
160
mA
Capacitive Load Drive
G = +1
50
pF
POWER SUPPLY
Operating Range
312
V
Quiescent Current
5.8
6.5
mA
Quiescent Current (Disabled)
1.6
2.2
mA
Power Supply Rejection Ratio
VS = –5 V, +5 V,
±1 V
68
80
dB
DISABLE CHARACTERISTICS
VO = 2 V p-p @ 10 MHz, G = +2
Turn-Off Time
RF = 2 k
120
ns
Turn-On Time
RF = 2 k
320
ns
Off Isolation (Pin 8 Tied to –VS)RL = 100
Ω, f = 5 MHz, G = +2, R
F = 1 k
70
dB
Off Voltage (Device Disabled)
<VS – 2.5
V
On Voltage (Device Enabled)
Open or +VS
V
Specifications subject to change without notice.


Podobny numer części - AD8041AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8041AR AD-AD8041AR Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041AR-REEL AD-AD8041AR-REEL Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041AR-REEL7 AD-AD8041AR-REEL7 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041ARZ-REEL1 AD-AD8041ARZ-REEL1 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
More results

Podobny opis - AD8041AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
logo
Texas Instruments
LMH6639 TI1-LMH6639 Datasheet
1Mb / 26P
[Old version datasheet]   190MHz Rail-to-Rail Output Amplifier with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com