Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC58256AFT Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TC58256AFT
Szczegółowy opis  256-MBIT (32M X 8 BITS) CMOS NAND E2PROM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58256AFT Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TC58256AFT Datasheet HTML 1Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 2Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 3Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 4Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 5Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 6Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 7Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 8Page - Toshiba Semiconductor TC58256AFT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TC58256AFT
2001-05-30
5/33
Note: (1) CE High to Ready time depends on the pull-up resistor tied to the
BY
/
RY
pin.
(Refer to Application Note (9) toward the end of this document.)
(2) Sequential Read is terminated when tCEH is greater than or equal to 100 ns. If the RE to CE delay
is less than 30 ns,
BY
/
RY
signal stays Ready.
PROGRAMMING AND ERASING CHARACTERISTICS (Ta
==== 0° to 70°C, VCC ==== 2.7 V to 3.6 V)
SYMBOL
PARAMETER
MIN
TYP.
MAX
UNIT
NOTES
tPROG
Programming Time
¾
200 to 300
1000
ms
N
Number of Programming Cycles on Same
Page
¾
¾
3
(1)
tBERASE
Block Erasing Time
¾
2
10
ms
(1): Refer to Application Note (12) toward the end of this document.
: 0 to 30 ns
® Busy signal is not output.
A
CE
RE
tCEH ³ 100 ns
*
525
Busy
BY
/
RY
*: VIH or VIL
A
526
527
tCRY


Podobny numer części - TC58256AFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC58256FT TOSHIBA-TC58256FT Datasheet
1Mb / 33P
   256-MBIT (32M x 8BITS) CMOS NAND EEPROM
TC58256FTI TOSHIBA-TC58256FTI Datasheet
1Mb / 33P
   256-MBIT (32M x 8BITS) CMOS NAND EEPROM
More results

Podobny opis - TC58256AFT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
   32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
   128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
   16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
TC58256FTI TOSHIBA-TC58256FTI Datasheet
1Mb / 33P
   256-MBIT (32M x 8BITS) CMOS NAND EEPROM
TC58256FT TOSHIBA-TC58256FT Datasheet
1Mb / 33P
   256-MBIT (32M x 8BITS) CMOS NAND EEPROM
TC58DVM72A1F TOSHIBA-TC58DVM72A1F Datasheet
369Kb / 34P
   128-MBIT (16M x 8 BITS/8M x 16BITS) CMOS NAND E2PROM
TC58128AFT TOSHIBA-TC58128AFT Datasheet
617Kb / 33P
   128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
TC58NS256DC TOSHIBA-TC58NS256DC Datasheet
709Kb / 33P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 256-MBIT (32M 짰8 BITS) CMOS NAND E2PROM (32M BYTE SmartMediaTM)
TC58V64BDC TOSHIBA-TC58V64BDC Datasheet
345Kb / 33P
   64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
logo
National Semiconductor ...
NM29N16 NSC-NM29N16 Datasheet
503Kb / 30P
   16 MBit (2M x 8 Bit) CMOS NAND FLASH E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com