Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMBD4448 Arkusz danych(PDF) 3 Page - Micro Commercial Components

Numer części MMBD4448
Szczegółowy opis  Switching Diode 350mW Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD4448 Arkusz danych(HTML) 3 Page - Micro Commercial Components

  MMBD4448_13 Datasheet HTML 1Page - Micro Commercial Components MMBD4448_13 Datasheet HTML 2Page - Micro Commercial Components MMBD4448_13 Datasheet HTML 3Page - Micro Commercial Components MMBD4448_13 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBD4448
1
100
4
0
0.4
0.8
1.2
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
1.6
2.0
2.4
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - NanoAmperes
versus
Junction Temperature -
°C
TJ
40
60
200
100
NanoAmps
20
120
40
60
80
100
.1
.2
.4
.6
1
2
4
6
10
20
TA=25
°C
400
600
1000
140
MCC
www.mccsemi.com
www.mccsemi.com
Revision:
B
20
13/01/01
TM
Micro Commercial Components
3 of 4


Podobny numer części - MMBD4448_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chenmko Enterprise Co. ...
MMBD4448N1APT CHENMKO-MMBD4448N1APT Datasheet
133Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448N1CPT CHENMKO-MMBD4448N1CPT Datasheet
133Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448N1PT CHENMKO-MMBD4448N1PT Datasheet
131Kb / 2P
   SWITCHING DIODE ARRAY
MMBD4448N1SPT CHENMKO-MMBD4448N1SPT Datasheet
133Kb / 2P
   SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD4448 DIODES-MMBD4448_10 Datasheet
81Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12011 Rev. 16 - 2
More results

Podobny opis - MMBD4448_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448_11 Datasheet
187Kb / 4P
   Surface Mount Switching Diode 350mW
logo
Shanghai Lunsure Electr...
MMBD4448 CHENYI-MMBD4448 Datasheet
61Kb / 3P
   Surface mount schottky barrier switching diode 350mW
logo
Micro Commercial Compon...
MMBD4448 MCC-MMBD4448 Datasheet
93Kb / 3P
   Surface Mount Schottky Barrier Switching Diode 350mW
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com