Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD0865B Arkusz danych(PDF) 1 Page - TT Electronics.

Numer części CD0865B
Szczegółowy opis  Ceramic Ball Grid Termination Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CD0865B Arkusz danych(HTML) 1 Page - TT Electronics.

  CD0865B Datasheet HTML 1Page - TT Electronics. CD0865B Datasheet HTML 2Page - TT Electronics. CD0865B Datasheet HTML 3Page - TT Electronics. CD0865B Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ceramic Ball Grid
Termination Arrays
CHC Series
Superior TaNFilm® resistors on ceramic substrate
High density networks on a reduced footprint
Excellent high frequency performance
Standard tolerances to ±1%
RoHScompliantterminationsavailable
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CHC Series Issue April 2011 Sheet 1 of 4
Package
Resistance
Range (Ω)
Absolute
Tolerances
Absolute TCR
Package Power
Rating 70°C*
Element Power
Rating 70°C*
Operating
Temperature
CB0565A
10R to 4.7K
±1%, ±2%
±100ppm/°C
0.6W
0.1W
-40°C to +85°C
10R to 10.0K
±5%
CB0565B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0865A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0865B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD1065A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.6W
10R to 10.0K
±5%
CD1065B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CC0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CC0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
Electrical Data
*Rated power is from 0°C to 70°C derated linearly to 0W at 85°C.
Ceramic Ball Grid
Termination Arrays
CHC Series
Superior TaNFilm® resistors on ceramic substrate
High density networks on a reduced footprint
Excellent high frequency performance
Standard tolerances to ±1%
RoHS compliant terminations available
IRC’s Chipscale on ceramic CHC offers high performance terminal
solutions in a small surface mount package. Sn/Pb solder balls
placed on a ceramic substrate permit very low parasitic inductance and
capacitance. This improves speeds, lowers propagation delays, and reduces ground bounce. IRC’s proven
tantalum nitride thin film technology can handle the most demanding applications.
For all of your high density, small footprint termination needs, use IRC’s CHC Termination arrays.
High
purity alumina
substrate
Ball grid
terminations
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
CHC Series Issue April 2011 Sheet 1 of 4
Package
Resistance
Range (Ω)
Absolute
Tolerances
Absolute TCR
Package Power
Rating 70°C*
Element Power
Rating 70°C*
Operating
Temperature
CB0565A
10R to 4.7K
±1%, ±2%
±100ppm/°C
0.6W
0.1W
-40°C to +85°C
10R to 10.0K
±5%
CB0565B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0865A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0865B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD1065A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.6W
10R to 10.0K
±5%
CD1065B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CC0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CC0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
CD0910A
10R to 4.7K
±1%, ±2%
±100ppm/°C
1.2W
10R to 10.0K
±5%
CD0910B
10R to 2.2K
±1%, ±2%
10R to 4.7K
±5%
Electrical Data
*Rated power is from 0°C to 70°C derated linearly to 0W at 85°C.
Ceramic Ball Grid
Termination Arrays
CHC Series
Superior TaNFilm® resistors on ceramic substrate
High density networks on a reduced footprint
Excellent high frequency performance
Standard tolerances to ±1%
RoHS compliant terminations available
IRC’s Chipscale on ceramic CHC offers high performance terminal
solutions in a small surface mount package. Sn/Pb solder balls
placed on a ceramic substrate permit very low parasitic inductance and
capacitance. This improves speeds, lowers propagation delays, and reduces ground bounce. IRC’s proven
tantalum nitride thin film technology can handle the most demanding applications.
For all of your high density, small footprint termination needs, use IRC’s CHC Termination arrays.
High
purity alumina
substrate
Ball grid
terminations
High
purity alumina
substrate
Ball grid
terminations
Resistors
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
BI Technologies IRC Welwyn
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors


Podobny numer części - CD0865B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
CD0865B TTELEC-CD0865B Datasheet
1Mb / 4P
   Excellent high frequency performance
More results

Podobny opis - CD0865B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IRC - a TT electronics ...
CHC IRCTT-CHC Datasheet
1Mb / 4P
   Ceramic Ball Grid Termination Arrays
CHC-PRECISION IRCTT-CHC-PRECISION Datasheet
205Kb / 3P
   Precision Ceramic Ball Grid Arrays
logo
TT Electronics.
CHC-CH8A-03-1002-BB TTELEC-CHC-CH8A-03-1002-BB Datasheet
389Kb / 3P
   Precision Ceramic Ball Grid Arrays
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
Yamaichi Electronics Co...
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
   Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
   ball grid array (bga) resistor networks
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com