Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OVS5X4CR44 Arkusz danych(PDF) 2 Page - TT Electronics.

Numer części OVS5X4CR44
Szczegółowy opis  5-Watt SMD 6x6mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5X4CR44 Arkusz danych(HTML) 2 Page - TT Electronics.

  OVS5X4CR44 Datasheet HTML 1Page - TT Electronics. OVS5X4CR44 Datasheet HTML 2Page - TT Electronics. OVS5X4CR44 Datasheet HTML 3Page - TT Electronics. OVS5X4CR44 Datasheet HTML 4Page - TT Electronics. OVS5X4CR44 Datasheet HTML 5Page - TT Electronics. OVS5X4CR44 Datasheet HTML 6Page - TT Electronics. OVS5X4CR44 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 1/07
Page 2 of 7
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Absolute Maximum Ratings T
A = 25°C
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal conductivity = 20K/W
DC Forward Current
175mA
Peak Pulsed Forward Current
1
500mA
Reverse Voltage
15V
Junction Temperature
2
Power Dissipation
525mW
Storage and Operating Temperature
-40°~ +100 °C
ESD Threshold (HBM)
2000V
125°C
Standard Bins (I
F = 175 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength (λD) shown. Orders may be filled with any or
all bins contained as below.
.5-Watt SMD 6X6mm
OVS5X4CR44 Series
Optical and Electrical Characteristics (I
F = 175mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
----
2.2
2.8
V
Φ
Luminous Flux
Red
----
8
----
lm
Yellow
----
11
----
lm
Luminous Intensity
Red
7150
9000
11250
cd
Yellow
11250
14000
18000
cd
IR
Reverse Current at 15V
----
100
----
µA
2 Θ½
50% Power Angle
----
40
----
deg
IV
OVS5R4CR44 (RED)
Dominant Wavelength (nm)
AB
AA
620
630
7150
9000
11250


Podobny numer części - OVS5X4CR44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OVS5MABCR4 OPTEK-OVS5MABCR4 Datasheet
765Kb / 11P
   Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVS5MABCR4 TTELEC-OVS5MABCR4 Datasheet
1Mb / 13P
   Robust energy-efficient design with long operating life
OVS5MABCR4 TTELEC-OVS5MABCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MABCR4 TTELEC-OVS5MABCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MABCR4 TTELEC-OVS5MABCR4 Datasheet
1,020Kb / 8P
   Robust energy-efficient design with long operating life
More results

Podobny opis - OVS5X4CR44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OVS5R4CR44 OPTEK-OVS5R4CR44 Datasheet
522Kb / 7P
   5-Watt SMD 6x6mm 40째 Viewing Angle
OVS3WBCR4 OPTEK-OVS3WBCR4 Datasheet
648Kb / 9P
   3-Watt SMD 6x6mm White
logo
TT Electronics.
OVS3W TTELEC-OVS3W Datasheet
1Mb / 9P
   3-Watt SMD 6x6mm White
OVSPW1BCR44 TTELEC-OVSPW1BCR44 Datasheet
792Kb / 11P
   1-Watt SMD 6x6mm With Dome Lens
logo
Wurth Elektronik GmbH &...
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
logo
Recom International Pow...
R5M RECOM-R5M Datasheet
779Kb / 5P
   5 Watt SMD Single & Dual Output
REV.: 0/2023
logo
Wurth Elektronik GmbH &...
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com