Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OVTL09LG3X Arkusz danych(PDF) 10 Page - TT Electronics.

Numer części OVTL09LG3X
Szczegółowy opis  Lednium Series Optimal X
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LG3X Arkusz danych(HTML) 10 Page - TT Electronics.

Back Button OVTL09LG3X Datasheet HTML 6Page - TT Electronics. OVTL09LG3X Datasheet HTML 7Page - TT Electronics. OVTL09LG3X Datasheet HTML 8Page - TT Electronics. OVTL09LG3X Datasheet HTML 9Page - TT Electronics. OVTL09LG3X Datasheet HTML 10Page - TT Electronics. OVTL09LG3X Datasheet HTML 11Page - TT Electronics. OVTL09LG3X Datasheet HTML 12Page - TT Electronics. OVTL09LG3X Datasheet HTML 13Page - TT Electronics. OVTL09LG3X Datasheet HTML 14Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Issue B.2 07/08
Page 10 of 14
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK 10-watt Lednium Markings
Θ
Cathode
OVTL09LG3X
Date Code-Batch Number
MALAYSIA
FRONT
BACK
Packaging: 25 pieces per tray
OPTEK’s Lednium Series Solid State Lighting products package the highest quality LED chips.
Typically, the lumen output of these chips can be as high as 70% after 50,000 hours of operation. This
prediction is based on specific test results and on tests on similar materials, and relies on strict
observation of the design limits and ratings included in this data sheet.
Lednium Series Optimal X
OVTL09LG3x Series


Podobny numer części - OVTL09LG3X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3B OPTEK-OVTL09LG3B Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3G OPTEK-OVTL09LG3G Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3M OPTEK-OVTL09LG3M Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3R OPTEK-OVTL09LG3R Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
More results

Podobny opis - OVTL09LG3X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
OVTL01LGAX TTELEC-OVTL01LGAX Datasheet
751Kb / 10P
   Lednium Series Optimal I
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
   10-Watt Lednium SMD Series
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
   Optimal cooling performance.
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
   Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
   OSLON® Optimal
Version 1.0 / 2022-07-07
logo
List of Unclassifed Man...
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
   Optimal cooling performance
logo
Advanced Power Electron...
AP9922AGEO-HF A-POWER-AP9922AGEO-HF_14 Datasheet
57Kb / 4P
   Optimal DC/DC Battery Application
logo
TT Electronics.
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
   Optimal XIV Star Series White, Multi-LED
logo
Taoglas antenna solutio...
TG.09.0113W TAOGLAS-TG.09.0113W Datasheet
8Mb / 37P
   Rotatable hinge design for optimal reception
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com