Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP197G Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP197G
Szczegółowy opis  TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP197G Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP197G Datasheet HTML 1Page - Toshiba Semiconductor TLP197G Datasheet HTML 2Page - Toshiba Semiconductor TLP197G Datasheet HTML 3Page - Toshiba Semiconductor TLP197G Datasheet HTML 4Page - Toshiba Semiconductor TLP197G Datasheet HTML 5Page - Toshiba Semiconductor TLP197G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP197G
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP197G
Modem
Fax
PBX
Measurement Instrumentation
The TOSHIBA mini flat photo relay TLP197G is a small
outline photo relay,suitable for surface mount assembly.
The TLP197G consists of an gallium arsenide infrared emitting diode
optically coupled to a photo―MOS FET in a six lead 2.1mm height
package, which enable TLP197G to be applied in card modems.
The TLP197G is a bi―directional switch which can replace mechanical
relays in fax machines and modems etc.
· SOP 6pin(2.54SOP6): 1−form−A
· Peak off−state voltage: 350V (min)
· Trigger LED current: 3mA (max)
· On−state current:120mA(max)
(A connection)
· On−state resistance: 35Ω(max)
· Isolation voltage: 1500Vrms (min)
· UL recognized: UL1577, file No./E67349
· BSI approved: BS EN60065: 1994,certificate No.8273
BS EN60950: 1992,certificate No.8274
· SEMKO approved: SS EN60065
SS EN60950
· Option(V4)type
TUV approved: DIN VDE0884 / 06.92,
certificate no.R9850580
Pin Configuration (top view)
1 : Anode
2 : Cathode
3 : NC
4 : Drain D1
5 : Source
6 : Drain D2
1
3
2
6
4
5
6
4
13
1-Form-a
Schematic
1
2
6
4
5
Unit in mm
JEDEC
EIAJ
TOSHIBA
Weight: 0.13g


Podobny numer części - TLP197G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP197G TOSHIBA-TLP197G Datasheet
181Kb / 6P
   Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
   Measurement Instrumentation
More results

Podobny opis - TLP197G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP3111 TOSHIBA-TLP3111 Datasheet
121Kb / 5P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP200D TOSHIBA-TLP200D Datasheet
266Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP3540 TOSHIBA-TLP3540 Datasheet
112Kb / 4P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP206G TOSHIBA-TLP206G Datasheet
162Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET
TLP270D TOSHIBA-TLP270D Datasheet
236Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-MOS FET / Photo-Transistor
TLP176D TOSHIBA-TLP176D Datasheet
252Kb / 6P
   THOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
   TOSHIBA Photocoupler GaAs IRed & Photo-Triac
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com