Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46108 Arkusz danych(PDF) 58 Page - Dialog Semiconductor

Numer części SLG46108
Szczegółowy opis  GreenPAK Ultra-small Programmable Mixed-signal Matrix
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46108 Arkusz danych(HTML) 58 Page - Dialog Semiconductor

Back Button SLG46108 Datasheet HTML 54Page - Dialog Semiconductor SLG46108 Datasheet HTML 55Page - Dialog Semiconductor SLG46108 Datasheet HTML 56Page - Dialog Semiconductor SLG46108 Datasheet HTML 57Page - Dialog Semiconductor SLG46108 Datasheet HTML 58Page - Dialog Semiconductor SLG46108 Datasheet HTML 59Page - Dialog Semiconductor SLG46108 Datasheet HTML 60Page - Dialog Semiconductor SLG46108 Datasheet HTML 61Page - Dialog Semiconductor SLG46108 Datasheet HTML 62Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
000-0046108-108
Page 57 of 69
SLG46108
14.0 Appendix A - SLG46108 Register Definition
Register Bit
Address
Signal Function
Register Bit Definition
reg <4:0>
Pin3 digital out source
reg <9:5>
Pin4 digital out source
reg <14:10>
Pin4 output enable
reg <19:15>
in0 of LUT2_0 (Clock Input of DFF0)
reg <24:20>
in1 of LUT2_0 (Data Input of DFF0)
reg <29:25>
in0 of LUT2_1 (Clock Input of DFF1)
reg <34:30>
in1 of LUT2_1 (Data Input of DFF1)
reg <39:35>
in0 of LUT2_2
reg <44:40>
in1 of LUT2_2
reg <49:45>
in0 of LUT2_3
reg <54:50>
in1 of LUT2_3
reg <59:55>
in0 of LUT3_0 (Clock Input of DFF2 with nReset/nSet)
reg <64:60>
in1 of LUT3_0 (Data input of DFF2 with nReset/nSet)
reg <69:65>
in2 of LUT3_0 (Resetb or Setb of DFF2 with nRe-
set/nSet)
reg <74:70>
in0 of LUT3_1 (Clock Input of DFF3 with nReset/nSet)
reg <79:75>
in1 of LUT3_1 (Data input of DFF3 with nReset/nSet)
reg <84:80>
in2 of LUT3_1 (Resetb or Setb of DFF3 with nRe-
set/nSet)
reg <89:85>
in0 of LUT3_2
reg <94:90>
in1 of LUT3_2
reg <99:95>
in2 of LUT3_2
reg <104:100>
in0 of LUT3_3
reg <109:105>
in1 of LUT3_3
reg <114:110>
in2 of LUT3_3
reg <119:115>
in0 of LUT3_4 (Input of pipe delay)
reg <124:120>
in1 of LUT3_4 (Resetb of pipe delay)
reg <129:125>
in2 of LUT3_4 (Clock of pipe delay)
reg <134:130>
in0 of LUT4_0 (Input for Delay2 ext. clock or Counter2
external Clock)
reg <139:135>
in1 of LUT4_0 (Input for delay2 or counter2 reset input)
reg <144:140>
in2 of LUT4_0 (Input for counter2 FSM keep signal)
reg <149:145>
in3 of LUT4_0 (Input for counter2 FSM up signal)
reg <154:150>
Input for delay0 or counter0 reset input
reg <159:155>
Input for delay1 or counter1 reset input
reg <164:160>
Input for Delay 0/1(Counter 0/1) external clock
reg <169:165>
Input for delay3 or counter3 reset input
reg <174:170> Input for programmable delay (deglitch filter input)
reg <179:175>
Power down for osc. (higher priority) (high = power
down).
reg <184:180> Pin6 digital out source
reg <189:185>
Pin7 digital out source


Podobny numer części - SLG46108

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46108 RENESAS-SLG46108 Datasheet
1Mb / 72P
   Ultra-small Programmable Mixed-signal Matrix
March 9, 2023
More results

Podobny opis - SLG46108

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com