Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3C2449-100CM Arkusz danych(PDF) 4 Page - Pasternack Enterprises, Inc.

Numer części PE3C2449-100CM
Szczegółowy opis  SMA Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2449-100CM Arkusz danych(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C2449-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2449-100CM Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3C2449
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C2449-12 = 12 inches long cable
PE3C2449-100cm = 100 cm long cable
SMA Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax,
RoHS PE3C2449-100CM
URL: https://www.pasternack.com/sma-male-tnc-female-pe-p142ll-cable-assembly-pe3c2449-100cm-p.aspx
PE3C2449-100CM REV 1.0
RF Cable Assemblies Technical Data Sheet
SMA Male to TNC Female Bulkhead Low Loss Cable
100 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-100CM


Podobny numer części - PE3C2449-100CM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3C2449-12 PASTERNACK-PE3C2449-12 Datasheet
417Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C2449-150CM PASTERNACK-PE3C2449-150CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
More results

Podobny opis - PE3C2449-100CM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3C3205-100CM PASTERNACK-PE3C3205-100CM Datasheet
415Kb / 5P
   SMA Female to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2180-100CM PASTERNACK-PE3C2180-100CM Datasheet
419Kb / 5P
   TNC Female Bulkhead to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-200CM PASTERNACK-PE3C2449-200CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 200 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-150CM PASTERNACK-PE3C2449-150CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C2449-50CM PASTERNACK-PE3C2449-50CM Datasheet
418Kb / 5P
   SMA Male to TNC Female Bulkhead Low Loss Cable 50 cm Length Using PE-P142LL Coax, RoHS
PE348-100CM PASTERNACK-PE348-100CM Datasheet
366Kb / 4P
   TNC Male to TNC Female Bulkhead Low Loss Test Cable 100 CM Length Using PE-P142LL Coax, RoHS
PE3C0847-100CM PASTERNACK-PE3C0847-100CM Datasheet
400Kb / 5P
   SMA Male to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1110-100CM PASTERNACK-PE3C1110-100CM Datasheet
485Kb / 5P
   N Female Bulkhead to TNC Male Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1173-100CM PASTERNACK-PE3C1173-100CM Datasheet
470Kb / 5P
   SMA Male Right Angle to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C2276-100CM PASTERNACK-PE3C2276-100CM Datasheet
418Kb / 5P
   N Male to TNC Female Bulkhead Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com