Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46127 Arkusz danych(PDF) 74 Page - Dialog Semiconductor

Numer części SLG46127
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46127 Arkusz danych(HTML) 74 Page - Dialog Semiconductor

Back Button SLG46127 Datasheet HTML 70Page - Dialog Semiconductor SLG46127 Datasheet HTML 71Page - Dialog Semiconductor SLG46127 Datasheet HTML 72Page - Dialog Semiconductor SLG46127 Datasheet HTML 73Page - Dialog Semiconductor SLG46127 Datasheet HTML 74Page - Dialog Semiconductor SLG46127 Datasheet HTML 75Page - Dialog Semiconductor SLG46127 Datasheet HTML 76Page - Dialog Semiconductor SLG46127 Datasheet HTML 77Page - Dialog Semiconductor SLG46127 Datasheet HTML 78Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
000-0046127-101
Page 73 of 87
SLG46127
LUT3_1 or DFF3/Latch
reg <257:250>
reg <250> DFF3 or Latch select
0: DFF function
1: Latch function
reg <251> DFF3 output select
0: Q output
1: nQ output
reg <252> DFF3 nRST/nSET select
0: nRST from matrix output
1: nSET from matrix output
reg <253> DFF3 initial polarity select
0: Low
1: High
reg <257:254> Unused if DFF/Latch selected
Unused
LUT3_2 data
reg <265:258>
LUT3_2 data
LUT3_2 data
LUT3_3 data
reg <273:266>
LUT3_3 data
LUT3_3 data
LUT3_4 or pipe number select
reg <281:274>
reg <276:274>: OUT0 select
data (pipe number)
reg <279:277>: OUT1 select
data (pipe number)
reg <281:280>: Unused if Pipe Delay selected
Unused
LUT3/DFF Select
reg <282>
LUT3_0 or DFF2 select
0: LUT3_0
1: DFF2
reg <283>
LUT3_1 or DFF3 select
0: LUT3_1
1: DFF3
reg <284>
LUT3_4 or Pipe Delay output select
0: LUT3_4
1: Pipe Delay
LUT4_0 or Counter/Delay2 mode selection
reg <300:285>
reg <285> Counter/Delay2 mode selection
0: Delay Mode
1: Counter Mode
reg <288:286> Counter/Delay2 Clock Source select
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter1 Overflow
reg <296:289> Counter/Delay2 Control Data
1 – 255 (Delay time = (counter control data +2) /freq)
reg <298:297> Delay2 Mode Select or asynchronous
counter reset
00: Delay on both falling and rising edges (for Delay
& counter reset)
01: Delay on falling edge only (for Delay & counter
reset Delay)
10: on rising edge only (for Delay & counter reset)
11: No Delay on either falling or rising edges / high
level reset for counter mode
reg <300:299> Unused is Counter/Delay2 selected
Unused
reg <301>
LUT4_0 or Counter2 select 0: LUT4_0, 1: Counter2
0: LUT4_0
1: Counter2
reg <302>
Force RC oscillator on
0: Auto Power on
1: Force Power on
Register Bit
Address
Signal Function
Register Bit Definition


Podobny numer części - SLG46127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46127 RENESAS-SLG46127 Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127M RENESAS-SLG46127M Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
SLG46127MTR RENESAS-SLG46127MTR Datasheet
8Mb / 94P
   Programmable Mixed-signal Matrix with Dual 44 mΩ / 2 A P-FET
Revised March 4, 2022
More results

Podobny opis - SLG46127

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com