Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46140 Arkusz danych(PDF) 15 Page - Dialog Semiconductor

Numer części SLG46140
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46140 Arkusz danych(HTML) 15 Page - Dialog Semiconductor

Back Button SLG46140 Datasheet HTML 11Page - Dialog Semiconductor SLG46140 Datasheet HTML 12Page - Dialog Semiconductor SLG46140 Datasheet HTML 13Page - Dialog Semiconductor SLG46140 Datasheet HTML 14Page - Dialog Semiconductor SLG46140 Datasheet HTML 15Page - Dialog Semiconductor SLG46140 Datasheet HTML 16Page - Dialog Semiconductor SLG46140 Datasheet HTML 17Page - Dialog Semiconductor SLG46140 Datasheet HTML 18Page - Dialog Semiconductor SLG46140 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 170 page
background image
000-0046140-109
Page 14 of 169
SLG46140
RPDWN
Pull Down Resistance
1 M Pull Down
667.10
1074.89
1287.81
100 k Pull Down
92.03
110.34
132.21
10 k Pull Down
9.45
11.55
14.05
Note 1: DC or average current through any pin should not exceed value given in Absolute Maximum Conditions.
Note 2: The GreenPAK’s power rails are divided in two sides. Pins 2, 3, 4, 5, 6 and 7 are connected to one side, pins 9,10, 11,
12, 13 and 14 to another.
Note 3: VDD ramp rising speed must be less than 0.6 V/µs after power on. Violating this specification may cause chip to restart.
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit


Podobny numer części - SLG46140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46140 RENESAS-SLG46140 Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140V RENESAS-SLG46140V Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46140VTR RENESAS-SLG46140VTR Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
More results

Podobny opis - SLG46140

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com