Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE7048-30 Arkusz danych(PDF) 3 Page - Pasternack Enterprises, Inc.

Numer części PE7048-30
Szczegółowy opis  30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7048-30 Arkusz danych(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7048-30_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7048-30_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7048-30_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
30 dB Fixed Attenuator, N Male to N Female Black Anodized
Aluminum Heatsink Body Rated to 10 Watts Up to 12.4 GHz
PE7048-30
CAD Drawing
PE7048-30 REV 1.1


Podobny numer części - PE7048-30_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE7048-30 PASTERNACK-PE7048-30 Datasheet
223Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
More results

Podobny opis - PE7048-30_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE7017-30 PASTERNACK-PE7017-30_16 Datasheet
241Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-30 PASTERNACK-PE7015-30_16 Datasheet
238Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7010-30 PASTERNACK-PE7010-30_16 Datasheet
241Kb / 4P
   30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-30 PASTERNACK-PE7014-30_16 Datasheet
234Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7085-30 PASTERNACK-PE7085-30 Datasheet
243Kb / 4P
   30 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7019-30 PASTERNACK-PE7019-30_16 Datasheet
258Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7021-30 PASTERNACK-PE7021-30_16 Datasheet
260Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7031-30 PASTERNACK-PE7031-30_16 Datasheet
260Kb / 3P
   30 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7010-40 PASTERNACK-PE7010-40_16 Datasheet
241Kb / 4P
   40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-1 PASTERNACK-PE7015-1_16 Datasheet
239Kb / 3P
   1 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com