Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APG0603SYC-TT Arkusz danych(PDF) 3 Page - Kingbright Corporation

Numer części APG0603SYC-TT
Szczegółowy opis  0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APG0603SYC-TT Arkusz danych(HTML) 3 Page - Kingbright Corporation

  APG0603SYC-TT_17 Datasheet HTML 1Page - Kingbright Corporation APG0603SYC-TT_17 Datasheet HTML 2Page - Kingbright Corporation APG0603SYC-TT_17 Datasheet HTML 3Page - Kingbright Corporation APG0603SYC-TT_17 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO2862 / 1203014743 Rev No: V.6B Date: 10/07/2017
Page 3 / 4
0%
20%
40%
60%
80%
100%
350
400
450
500
550
600
650
700
750
800
Ta = 25 °C
Yellow
Wavelength (nm)
TECHNICAL DATA
SUPER BRIGHT YELLOW
0.5
0.5
90°
15°
30°
45°
60°
75°
-15°
-30°
-45°
-60°
-75°
-90°
0.0
1.0
1.0
Ta = 25 °C
SPATIAL DISTRIBUTION
0
5
10
15
20
1.7
1.8
1.9
2.0
2.1
2.2
Ta = 25 °C
Forward voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
Ta = 25 °C
Forward current (mA)
0
5
10
15
20
25
-40 -20
0
20
406080 100
Ambient temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
-40 -20
0
20406080 100
Ambient temperature (°C)
Forward Current vs.
Forward Voltage
Luminous Intensity vs.
Forward Current
Forward Current Derating Curve
Luminous Intensity vs.
Ambient Temperature
APG0603SYC-TT
TAPE SPECIFICATIONS (units : mm)
REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS
Notes:
1. Don't cause stress to the LEDs while it is exposed to high temperature.
2. The maximum number of reflow soldering passes is 2 times.
3. Reflow soldering is recommended. Other soldering methods are not recommended as they might
cause damage to the product.
RELATIVE INTENSITY vs. WAVELENGTH
REEL DIMENSION (units : mm)


Podobny numer części - APG0603SYC-TT_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
APG0603SYC-TT KINGBRIGHT-APG0603SYC-TT Datasheet
242Kb / 5P
   Wide viewing angle
logo
HK TO-GRACE TECHNOLOGY ...
APG0603SYC-TT TO-GRACE-APG0603SYC-TT Datasheet
828Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
More results

Podobny opis - APG0603SYC-TT_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HK TO-GRACE TECHNOLOGY ...
APG0603RWF-TT-5MAV TO-GRACE-APG0603RWF-TT-5MAV Datasheet
766Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603CGC-TT TO-GRACE-KPG-0603CGC-TT Datasheet
882Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603SYC-TT TO-GRACE-KPG-0603SYC-TT Datasheet
882Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603CGC-TT TO-GRACE-APG0603CGC-TT Datasheet
826Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603SEC-TT TO-GRACE-APG0603SEC-TT Datasheet
827Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603SEC-E-TT TO-GRACE-APG0603SEC-E-TT Datasheet
832Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603SURC-TT TO-GRACE-KPG-0603SURC-TT Datasheet
881Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603SEC-E-TT TO-GRACE-KPG-0603SEC-E-TT Datasheet
876Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APG0603SURC-TT KINGBRIGHT-APG0603SURC-TT_17 Datasheet
308Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603VGC-TT-5MAV KINGBRIGHT-APG0603VGC-TT-5MAV_17 Datasheet
307Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com