Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46169 Arkusz danych(PDF) 63 Page - Dialog Semiconductor

Numer części SLG46169
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46169 Arkusz danych(HTML) 63 Page - Dialog Semiconductor

Back Button SLG46169 Datasheet HTML 59Page - Dialog Semiconductor SLG46169 Datasheet HTML 60Page - Dialog Semiconductor SLG46169 Datasheet HTML 61Page - Dialog Semiconductor SLG46169 Datasheet HTML 62Page - Dialog Semiconductor SLG46169 Datasheet HTML 63Page - Dialog Semiconductor SLG46169 Datasheet HTML 64Page - Dialog Semiconductor SLG46169 Datasheet HTML 65Page - Dialog Semiconductor SLG46169 Datasheet HTML 66Page - Dialog Semiconductor SLG46169 Datasheet HTML 67Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 102 page
background image
000-0046169-105
Page 62 of 101
SLG46169
13.0 Counters/Delay Generators (CNT/DLY)
There are five configurable counters/delay generators in the SLG46169. Two of these counters/delay generators (CNT/DLY 0
and 1) are 14-bit, and three of the counters/delay generators (CNT/DLY 4, 5, 6) are 8-bit. For flexibility, each of these macrocells
has a large selection of internal and external clock sources, as well as the option to chain from the output of the previous (N-1)
CNT/DLY macrocell, to implement longer count / delay circuits.
One of the counter/delay generator macrocells (CNT/DLY 1) has two inputs from the connection matrix, one for Delay Input/Reset
Input (Delay_In/Reset_In), and one for an external counter/clock source. Four of the counter/delay generator macrocells
(CNT/DLY 0, 4, 5, 6) have one input from the connection matrix, which has a shared function of either a Delay Input or an external
clock input.
CNT/DLY6 has one extra output on which a short pulse will be generated according to the configured edge on the input signal if
detected.
Note that there are also two Combination Function Macrocells that can implement either 4-bit LUTs or 8-bit counter / delays, For
more information please see Section 10.4 4-Bit LUT or 8- Bit Counter / Delay Macrocells.
Figure 23. CNT/DLY0
CNT/DLY0
Counter_end
clk
To Connection
Matrix Input <13>
From Connection
Matrix Output <15>
Count_end_out_x-1
reg <713>
0
1
2
3
4
5
6
7
ext. clock
RC Osc/64
RC Osc/24
RC Osc/12
RC Osc/4
RC Osc
Counter Control Data
reg <730:717>
reg <716:714>
0
1
0
1
Delay_out
Delay_IN/CNT_ext_clk
Delay_IN
CNT clock
Edge Detector


Podobny numer części - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169V RENESAS-SLG46169V Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46169VTR RENESAS-SLG46169VTR Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results

Podobny opis - SLG46169

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46169 RENESAS-SLG46169 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com