Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46200 Arkusz danych(PDF) 42 Page - Dialog Semiconductor

Numer części SLG46200
Szczegółowy opis  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Arkusz danych(HTML) 42 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 38Page - Dialog Semiconductor SLG46200 Datasheet HTML 39Page - Dialog Semiconductor SLG46200 Datasheet HTML 40Page - Dialog Semiconductor SLG46200 Datasheet HTML 41Page - Dialog Semiconductor SLG46200 Datasheet HTML 42Page - Dialog Semiconductor SLG46200 Datasheet HTML 43Page - Dialog Semiconductor SLG46200 Datasheet HTML 44Page - Dialog Semiconductor SLG46200 Datasheet HTML 45Page - Dialog Semiconductor SLG46200 Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
000-0046200-124
Page 37 of 64
SLG46200
16.0 Counters (CNT)
There are three configurable 14-bit counters in the SLG46200. CNT2’s input can be sourced from the NVM, the ADC, or the S2P,
while CNT0 and CNT1’s input can be sourced from the connection matrix. The clock can be sourced from either the internal RC
Oscillator (with data divider for CNT1) or from another connection matrix output.
The counters output their data to either the PWM or to the S2P. FSM functions include: count UP, count DOWN, KEEP, LOAD
ONCE, and LOAD DATA (taken from either registers, ADC, or S2P). The three counters can also function as frequency dividers,
FSM (CNT2), or PWM ramp (CNT1), while captured data is outputted to S2P.
When in count DOWN mode, the count UP/DOWN, KEEP, and LOAD signals in CNT0 and CNT1 are tied to ground and the RC
OSC should be forced ON for counter work.
16.1 Counter Functional Diagram
16.2 Counter Timing
Each of the counters behave as a frequency divider, where the output clock (Div_clk_out) is result of the input clock (CLK_IN)
being divided by the value of the Counter Control Data (CNTx_d<13:0> +1).
For CNT0:
div_clk_out0 = FCLK_IN / (reg<432:419> + 1)
For CNT1:
div_clk_out1 = FCLK_IN / (reg<446:433> + 1)
For CNT2:
div_clk_out2 = FCLK_IN / (reg<460:447> + 1)
Note: For proper functionality of each Counter cell, each respective CNTx_d<13:0> must have a value of greater
than ‘1’.
Figure 22. Counter Functional Diagram
Counter
CNTx_cki_ext
CNTx_out_sel
CNTx_en
CNTx_clk_is
CNTx_d<13:0>
OUT
To Connection Matrix
CLK4DLY


Podobny numer części - SLG46200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Podobny opis - SLG46200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com