Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46200 Arkusz danych(PDF) 15 Page - Dialog Semiconductor

Numer części SLG46200
Szczegółowy opis  GreenPAK Programmable Mixed Signal Array
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46200 Arkusz danych(HTML) 15 Page - Dialog Semiconductor

Back Button SLG46200 Datasheet HTML 11Page - Dialog Semiconductor SLG46200 Datasheet HTML 12Page - Dialog Semiconductor SLG46200 Datasheet HTML 13Page - Dialog Semiconductor SLG46200 Datasheet HTML 14Page - Dialog Semiconductor SLG46200 Datasheet HTML 15Page - Dialog Semiconductor SLG46200 Datasheet HTML 16Page - Dialog Semiconductor SLG46200 Datasheet HTML 17Page - Dialog Semiconductor SLG46200 Datasheet HTML 18Page - Dialog Semiconductor SLG46200 Datasheet HTML 19Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
000-0046200-124
Page 10 of 64
SLG46200
7.2 Output Modes
PIN 3, PIN4, PIN6, PIN7 and PIN8 can be configured as either an open drain output or push-pull output (with Output Enable).
Additionally PIN 8 can be also be configured as an analog output in the SLG46200 device.
The OE functionality for each of the output pins is controlled by the connection matrix except for PIN 6, which is controlled by a
register bit, reg<406>.
7.2.1 Open Drain Output
The Open Drain Output setting has a 1X current ratio. The open drain output signal from the SLG46200 design will decide the
port’s output state (Hi-Z or ground).
If the signal = 1, output will be Hi-Z (high impedance)
If the signal = 0, output will be connected to ground
PINs 4 and 8 have a 2X current sinking option and the current of the output pin will be 40mA.
7.2.2 Push Pull with Output Enable
The Push Pull with Output Enable setting has either a 1X or 2x current ratio and the Output Enable signal will make the output Hi-Z.
PIN 3, PIN 4, PIN 6, PIN 7 and PIN 8 have an Push Pull 2X current sinking option that produces a 16mA current.
7.2.3 Analog Output
Analog output functionality of VREF is only available on PIN 8.
Analog Output = internal signal value
7.3 Creating a Bi-Directional Pin
PIN 3, PIN 4, PIN 7, and PIN 8 can be configured as Bi-Directional Pins with the following steps:
1. Configure the I/O Pins as one of the following:
a. Digital Input with Schmitt Trigger
b. Digital Input without Schmitt Trigger
c. Low voltage Digital Input
2. Use a control signal for the Output Enable on the I/O Pin
3. The I/O Pin will function as Push Pull 1x current by setting the OE signal of the pin to HIGH.
7.4 Pull Up/Down Resistors
All six I/O Pins have the option of a 50k
Ω/100kΩ/300kΩ pull up/down resistor with ±20% accuracy. Resistors can be used with
any of the input or output pin configurations previously defined.


Podobny numer części - SLG46200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46200 RENESAS-SLG46200 Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200V RENESAS-SLG46200V Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
SLG46200VTR RENESAS-SLG46200VTR Datasheet
1Mb / 70P
   GreenPAKTM Programmable Mixed Signal Array
August 8, 2014
More results

Podobny opis - SLG46200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46721 RENESAS-SLG46721 Datasheet
1Mb / 103P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
SLG46722 RENESAS-SLG46722 Datasheet
1Mb / 88P
   GreenPAK Programmable Mixed Signal Array
March 10, 2023
logo
Dialog Semiconductor
SLG46400 DIALOG-SLG46400 Datasheet
1Mb / 95P
   GreenPAK 2TM Rev.B Programmable Mixed Signal Array
logo
Renesas Technology Corp
SLG46400 RENESAS-SLG46400 Datasheet
1Mb / 96P
   GreenPAK 2TM Rev. B Programmable Mixed Signal Array
November 15, 2018
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46531 DIALOG-SLG46531 Datasheet
2Mb / 170P
   GreenPAK Programmable Mixed-signal Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com