Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46532 Arkusz danych(PDF) 10 Page - Dialog Semiconductor

Numer części SLG46532
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46532 Arkusz danych(HTML) 10 Page - Dialog Semiconductor

Back Button SLG46532 Datasheet HTML 6Page - Dialog Semiconductor SLG46532 Datasheet HTML 7Page - Dialog Semiconductor SLG46532 Datasheet HTML 8Page - Dialog Semiconductor SLG46532 Datasheet HTML 9Page - Dialog Semiconductor SLG46532 Datasheet HTML 10Page - Dialog Semiconductor SLG46532 Datasheet HTML 11Page - Dialog Semiconductor SLG46532 Datasheet HTML 12Page - Dialog Semiconductor SLG46532 Datasheet HTML 13Page - Dialog Semiconductor SLG46532 Datasheet HTML 14Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 184 page
background image
SLG46532_DS_108
Page 9 of 183
SLG46532
5.4 Electrical Characteristics (5 V ±10% VDD)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage Pin 1
VDD2 ≤ VDD
4.5
5.0
5.5
V
IQ
Quiescent Current
Static Inputs and Outputs
--
1.26
--
A
TA
Operating Temperature
-40
25
85
°C
VPP
Programming Voltage
7.25
7.50
7.75
V
VACMP
ACMP Input Voltage Range
Positive Input
0
--
VDD
V
Negative Input
0
--
1.0
V
VIH
HIGH-Level Input Voltage
Logic Input
2.68
--
VDD
V
Logic Input with Schmitt Trigger
3.34
--
VDD
V
Low-Level Logic Input
1.15
--
VDD
V
VIL
LOW-Level Input Voltage
Logic Input
0
--
1.96
V
Logic Input with Schmitt Trigger
0
--
1.41
V
Low-Level Logic Input
0
--
0.77
V
VHYS
Schmitt Trigger Hysteresis
Voltage
PIN 2, 3, 4, 5, 6, 7, 8, 9, 10
Logic Input with Schmitt Trigger
0.44
0.90
1.38
V
ILGK
Input leakage
(Absolute Value)
PIN 2, 3, 4, 5, 6, 7, 8, 9, 10
--
1
1000
nA
VOH
HIGH-Level Output Voltage
PIN 2, 3, 4, 5, 6, 7, 8, 9, 10
Push-Pull, IOH = 5 mA, 1X Driver
4.15
4.76
--
V
PMOS OD, IOH = 5 mA, 1X Driver
4.16
4.76
--
V
Push-Pull, IOH = 5 mA, 2X Driver
4.32
4.89
--
V
PMOS OD, IOH = 5 mA, 2X Driver
4.33
4.89
--
V
VOL
LOW-Level Output Voltage
PIN 2, 3, 4, 5, 6, 7, 8, 9, 10
Push-Pull, IOL= 5 mA, 1X Driver
--
0.19
0.24
V
Push-Pull, IOL =5 mA, 2X Driver
--
0.09
0.12
V
Open Drain, IOL = 5 mA, 1X Driver
--
0.12
0.16
V
Open Drain, IOL = 5 mA, 2X Driver
--
0.07
0.08
V
Open Drain NMOS 4X, PIN 10,
IOL = 5 mA
--
0.03
0.05
V
IOH
HIGH-Level Output Current
PIN 2, 3, 4, 5, 6, 7, 8, 9, 10
Push-Pull, VOH = 2.4 V, 1X Driver
22.08
34.04
--
mA
PMOS OD, VOH = 2.4 V, 1X Driver
22.08
34.04
--
mA
Push-Pull, VOH = 2.4 V, 2X Driver
41.76
68.08
--
mA
PMOS OD, VOH = 2.4 V, 2X Driver
41.69
68.08
--
mA
IOL
LOW-Level Output Current
PIN 2, 3, 4, 5, 6, 7, 8, 9, 10
Push-Pull, VOL = 0.4 V, 1X Driver
7.22
11.58
--
mA
Push-Pull, VOL = 0.4 V, 2X Driver
13.83
23.16
--
mA
Open Drain, VOL = 0.4 V, 1X Driver
10.82
17.38
--
mA
Open Drain, VOL = 0.4 V, 2X Driver
17.34
34.76
--
mA
Open Drain NMOS 4X, PIN 10,
VOL = 0.4 V
41.06
55.18
--
mA
VO
Maximal Voltage Applied to
any PIN in High-Impedance
State
--
--
VDD
V
IO
Maximal Average or DC
Current
Total Current on Pin 2 – Pin 10 or on Pin
12 – Pin 20
--
--
90
mA


Podobny numer części - SLG46532

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532V RENESAS-SLG46532V Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46532VTR RENESAS-SLG46532VTR Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
More results

Podobny opis - SLG46532

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46880 DIALOG-SLG46880 Datasheet
4Mb / 353P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
SLG46538-A DIALOG-SLG46538-A Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46538-A RENESAS-SLG46538-A Datasheet
2Mb / 174P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
9-Aug-2022
logo
Dialog Semiconductor
SLG46534 DIALOG-SLG46534 Datasheet
1Mb / 172P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com