Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLG46534 Arkusz danych(PDF) 3 Page - Dialog Semiconductor

Numer części SLG46534
Szczegółowy opis  GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALOG [Dialog Semiconductor]
Strona internetowa  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46534 Arkusz danych(HTML) 3 Page - Dialog Semiconductor

  SLG46534 Datasheet HTML 1Page - Dialog Semiconductor SLG46534 Datasheet HTML 2Page - Dialog Semiconductor SLG46534 Datasheet HTML 3Page - Dialog Semiconductor SLG46534 Datasheet HTML 4Page - Dialog Semiconductor SLG46534 Datasheet HTML 5Page - Dialog Semiconductor SLG46534 Datasheet HTML 6Page - Dialog Semiconductor SLG46534 Datasheet HTML 7Page - Dialog Semiconductor SLG46534 Datasheet HTML 8Page - Dialog Semiconductor SLG46534 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 172 page
background image
SLG46534_DS_107
Page 2 of 171
SLG46534
2.0 Pin Description
2.1 Functional Pin Description
Pin #
Pin Name Function
1
VDD
Power Supply
2
GPI
General Purpose Input
3
GPIO
General Purpose I/O
4
GPIO
General Purpose I/O or ACMP0 (+)
5
GPIO
General Purpose I/O with OE or External Vref (ACMP0 IN-)
6
SCL/GPIO General Purpose I/O SCL or GPIOD (NMOS open drain only)
7
SDA/GPIO General Purpose I/O SDA or GPIOD (NMOS open drain only)
8
GPIO
General Purpose I/O with OE or ACMP1 (+)
9
GND
Ground
10
GPIO
General Purpose I/O External Vref (ACMP1 IN-)
11
GPIO
General Purpose I/O with OE
12
GPIO
General Purpose I/O with OE
13
GPIO
General Purpose I/O
14
GPIO
General Purpose I/O or External Clock Input


Podobny numer części - SLG46534

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534V RENESAS-SLG46534V Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46534VTR RENESAS-SLG46534VTR Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results

Podobny opis - SLG46534

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
SLG46531 RENESAS-SLG46531 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
November 14, 2018
SLG46534 RENESAS-SLG46534 Datasheet
2Mb / 177P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46537 RENESAS-SLG46537 Datasheet
3Mb / 197P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
SLG46538 RENESAS-SLG46538 Datasheet
3Mb / 209P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and DualSupply
March 9, 2023
SLG46580 RENESAS-SLG46580 Datasheet
2Mb / 204P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and LDOs
March 3, 2023
logo
Dialog Semiconductor
SLG46535 DIALOG-SLG46535 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
logo
Renesas Technology Corp
SLG46880 RENESAS-SLG46880 Datasheet
4Mb / 354P
   GreenPAK Programmable Mixed-Signal Matrix with Asynchronous State Machine and Dual Supply
1-Mar-2023
SLG46532 RENESAS-SLG46532 Datasheet
2Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
October 20, 2016
SLG46535 RENESAS-SLG46535 Datasheet
2Mb / 189P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
March 9, 2023
logo
Dialog Semiconductor
SLG46532 DIALOG-SLG46532 Datasheet
2Mb / 184P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine and Dual Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com