Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3C2599 Arkusz danych(PDF) 1 Page - Pasternack Enterprises, Inc.

Numer części PE3C2599
Szczegółowy opis  SMC Plug to BNC Male Cable Using RG316 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2599 Arkusz danych(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2599 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2599 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2599 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2599 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMC Plug
• Connector 2: BNC Male
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Velocity of Propagation
69
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
DC Resistance Inner Conductor
8.41 [27.59]
Ω/1000ft [Ω/Km]
Operating Voltage (AC)
335
Vrms
Jacket Spark
2,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
1.11
1.15
1.2
1.3
1.55
dB/ft
3.64
3.77
3.94
4.27
5.09
dB/m
Insertion Loss (Typ.)
0.31
0.36
0.438
0.58
0.78
dB/ft
1.02
1.18
1.44
1.9
2.56
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Weight
0.034 lbs [15.42 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug to BNC Male Cable Using RG316 Coax PE3C2599
PE3C2599 REV 1.0
SMC Plug to BNC Male Cable Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE3C2599


Podobny numer części - PE3C2599

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-36 PASTERNACK-PE3C2599-36 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C2599-48 PASTERNACK-PE3C2599-48 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
More results

Podobny opis - PE3C2599

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3C3410 PASTERNACK-PE3C3410 Datasheet
362Kb / 4P
   SMC Plug Right Angle to BNC Male Cable Using RG316 Coax
PE3C2599-60 PASTERNACK-PE3C2599-60 Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable 60 Inch Length Using RG316 Coax
PE3C2599-12 PASTERNACK-PE3C2599-12 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 12 Inch Length Using RG316 Coax
PE3C2599-72 PASTERNACK-PE3C2599-72 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 72 Inch Length Using RG316 Coax
PE3C2599-24 PASTERNACK-PE3C2599-24 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 24 Inch Length Using RG316 Coax
PE3C2599-48 PASTERNACK-PE3C2599-48 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 48 Inch Length Using RG316 Coax
PE3C2599-36 PASTERNACK-PE3C2599-36 Datasheet
368Kb / 4P
   SMC Plug to BNC Male Cable 36 Inch Length Using RG316 Coax
PE3C2599LF PASTERNACK-PE3C2599LF Datasheet
370Kb / 4P
   SMC Plug to BNC Male Cable Using RG316 Coax, LF Solder, RoHS
PE3C3479 PASTERNACK-PE3C3479 Datasheet
361Kb / 4P
   BNC Male to SHV Plug Cable Using RG316 Coax
PE3C4413 PASTERNACK-PE3C4413 Datasheet
460Kb / 5P
   BNC Male to SSMC Plug Cable Using RG316 Coax
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com