Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD843 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD843
Szczegółowy opis  34 MHz, CBFET Fast Settling Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD843 Arkusz danych(HTML) 3 Page - Analog Devices

  AD843_17 Datasheet HTML 1Page - Analog Devices AD843_17 Datasheet HTML 2Page - Analog Devices AD843_17 Datasheet HTML 3Page - Analog Devices AD843_17 Datasheet HTML 4Page - Analog Devices AD843_17 Datasheet HTML 5Page - Analog Devices AD843_17 Datasheet HTML 6Page - Analog Devices AD843_17 Datasheet HTML 7Page - Analog Devices AD843_17 Datasheet HTML 8Page - Analog Devices AD843_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AD843J/A
AD843K/B
AD843S
1
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
1
1.0
2.0
0.5
1.0
1.0
2.0
mV
TMIN-TMAX
1.7
4.0
1.2
2.0
3.0
4.5
mV
Offset Drift
12
12
35
12
µV/°C
INPUT BIAS CURRENT
Initial (TJ = +25°C)
50
40
50
pA
Warmed-Up
2
0.8
2.5
0.6
1.0
0.8
2.5
nA
TMIN-TMAX
60/160
23/65
2600
nA
INPUT OFFSET CURRENT
Initial (TJ = +25°C)
30
20
30
pA
Warmed-Up
2
0.25
1.0
0.2
0.4
0.25
1.0
nA
TMIN-TMAX
23/64
9/26
1025
nA
INPUT CHARACTERISTICS
Input Resistance
10
10
10
10
10
10
Input Capacitance
6
6
6
pF
INPUT VOLTAGE RANGE
Common Mode
10
+12,
10
+12,
10
+12,
V
–13
–13
–13
COMMON-MODE REJECTION
VCM = ± 10 V
60
72
70
76
60
72
dB
TMIN-TMAX
60
72
68
76
60
72
dB
INPUT VOLTAGE NOISE
f = 10 kHz
19
19
19
nV/
√Hz
Wideband Noise
10 Hz to 10 MHz
60
60
60
µV rms
OPEN LOOP GAIN
VO = ± 10 V
RLOAD ≥ 500 Ω
15
25
20
30
15
30
V/mV
TMIN-TMAX
10
20
10
25
10
25
V/mV
OUTPUT CHARACTERISTICS
Voltage
RLOAD ≥ 500 Ω
10
+11.5,
10
+11.5,
10
+11.5,
V
–12.6
–12.6
–12.6
Current
VOUT = ± 10 V
50
50
50
mA
Output Resistance
Open Loop
12
12
12
FREQUENCY RESPONSE
Unity Gain Bandwidth
VOUT = 90 mV p-p
34
34
34
MHz
Full Power Bandwidth
3
VO = 20 V p-p
R1
≥ 500 Ω
2.5
3.9
2.5
3.9
2.5
3.9
MHz
Rise Time
AVCL = –1
10
10
10
ns
Overshoot
AVCL = –1
15
15
15
%
Slew Rate
AVCL = –1
160
250
160
250
160
250
V/
µs
Settling Time
10 V Step
AVCL = –1
to 0.1%
95
95
95
ns
to 0.01%
135
135
135
ns
Overdrive Recovery
–Overdrive
200
200
200
ns
+Overdrive
700
700
700
ns
Differential Gain
f = 4.4 MHz
0.025
0.025
0.025
%
Differential Phase
f = 4.4 MHz
0.025
0.025
0.025
Degree
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
4.5
18
4.5
18
4.5
18
V
Quiescent Current
12
13
12
13
12
13
mA
TMIN-TMAX
12.3
14
12.3
14
12.5
16
mA
Rejection Ratio
±5 V to ±18 V
65
76
70
80
65
76
dB
Rejection Ratio
TMIN-TMAX
62
76
68
80
62
76
dB
TEMPERATURE RANGE
Operating, Rated Performance
Commercial (0
°C to +70°C)
AD843J
AD843K
Industrial (– 40
°C to +85°C)
AD843A
AD843B
Military (–55
°C to +125°C)4
AD843S
PACKAGE OPTIONS
Plastic (N-8)
AD843JN
AD843KN
Cerdip (Q-8)
AD843AQ
AD843BQ
AD843SQ, AD843SQ/883B
Metal Can (H-12A)
AD843BH
AD843SH, AD843SH/883B
LCC (E-20A)
AD843SE/883B
SOIC (R-16)
AD843JR–16
Tape & Reel
AD843JR-16–REEL
AD843JR-16–REEL7
Chips
AD843JCHIPS
AD843SCHIPS
AD843–SPECIFICATIONS
REV. D
–2–
(@ TA = +25
°C and ±15 V dc, unless otherwise noted)


Podobny numer części - AD843_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD843 AD-AD843_15 Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
More results

Podobny opis - AD843_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD843 AD-AD843 Datasheet
448Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843 AD-AD843_15 Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843JNZ AD-AD843JNZ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
5962-9098001MPA AD-5962-9098001MPA Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD843SQ AD-AD843SQ Datasheet
460Kb / 12P
   34 MHz, CBFET Fast Settling Op Amp
REV. D
AD845 AD-AD845_17 Datasheet
222Kb / 13P
   Precision, 16 MHz CBFET Op Amp
AD845 AD-AD845 Datasheet
234Kb / 8P
   Precision, 16 MHz CBFET Op Amp
REV. D
AD845 AD-AD845_15 Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JRZ-16-REEL7 AD-AD845JRZ-16-REEL7 Datasheet
174Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
AD845JNZ AD-AD845JNZ Datasheet
217Kb / 12P
   Precision, 16 MHz CBFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com