Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD827SQ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD827SQ
Szczegółowy opis  High Speed, Low Power Dual Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD827SQ Arkusz danych(HTML) 5 Page - Analog Devices

  AD827SQ Datasheet HTML 1Page - Analog Devices AD827SQ Datasheet HTML 2Page - Analog Devices AD827SQ Datasheet HTML 3Page - Analog Devices AD827SQ Datasheet HTML 4Page - Analog Devices AD827SQ Datasheet HTML 5Page - Analog Devices AD827SQ Datasheet HTML 6Page - Analog Devices AD827SQ Datasheet HTML 7Page - Analog Devices AD827SQ Datasheet HTML 8Page - Analog Devices AD827SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD827
REV. C
–4–
20
15
10
5
0
05
10
15
20
SUPPLY VOLTAGE
± Volts
+VIN
–VIN
Figure1. InputCommon-Mode
Range vs. Supply Voltage
Figure 4. Quiescent Current
vs. Supply Voltage
14
12
10
8
0
–60
0
40
100
140
TEMPERATURE –
°C
–40
–20
20
60
80
120
VS = ±15V
VS = ±5V
Figure 7. Quiescent Current
vs. Temperature
–Typical Performance Characteristics (@ +25 C & 15 V, unless otherwise noted)
RLOAD = 1kΩ
20
15
10
5
0
05
10
15
20
SUPPLY VOLTAGE
± Volts
+VOUT
–VOUT
Figure 2. Output Voltage
Swing vs. Supply Voltage
Figure 5. Input Bias Current
vs. Temperature
Figure 8. Short-Circuit
Current Limit vs. Temperature
Figure 3. Output Voltage
Swing vs. Load Resistance
Figure 6. Closed-Loop Output
Impedance vs. Frequency,
Gain = +1
Figure 9. Gain Bandwidth vs.
Temperature


Podobny numer części - AD827SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD827SQ AD-AD827SQ Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827SQ AD-AD827SQ Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827SQ/883B AD-AD827SQ/883B Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827SQ/883B AD-AD827SQ/883B Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
More results

Podobny opis - AD827SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_15 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_02 Datasheet
214Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
AD847 AD-AD847 Datasheet
241Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
   High Speed, Low Power Monolithic Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com