Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD589JH Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD589JH
Szczegółowy opis  8-Bit ADC with Track/Hold
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD589JH Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD589JH Datasheet HTML 5Page - Analog Devices AD589JH Datasheet HTML 6Page - Analog Devices AD589JH Datasheet HTML 7Page - Analog Devices AD589JH Datasheet HTML 8Page - Analog Devices AD589JH Datasheet HTML 9Page - Analog Devices AD589JH Datasheet HTML 10Page - Analog Devices AD589JH Datasheet HTML 11Page - Analog Devices AD589JH Datasheet HTML 12Page - Analog Devices AD589JH Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AD7575
–8–
REV. B
INTERNAL/EXTERNAL CLOCK
The AD7575 can be used with its own internal clock or with an
externally applied clock. In either case, the clock signal appear-
ing at the CLK pin is divided internally by two to provide an
internal clock signal for the AD7575. A single conversion lasts
for 20 input clock cycles (10 internal clock cycles).
INTERNAL CLOCK
Clock pulses are generated by the action of the external capaci-
tor (CCLK) charging through an external resistor (RCLK) and
discharging through an internal switch. When a conversion is
complete, the internal clock stops operating. In addition to
conversion, the internal clock also controls the automatic inter-
nal reset of the SAR. This reset occurs at the start of each con-
version cycle during the first internal clock pulse.
Nominal conversion times versus temperature for the recom-
mended RCLK and CCLK combination are shown in Figure 13.
AMBIENT TEMPERATURE – C
14
7
–55
+125
–25
0
+25
+50
+75
+100
13
11
10
9
8
12
RCLK = 100k
CCLK = 100pF
Figure 13. Typical Conversion Times vs. Temperature
Using Internal Clock
The internal clock is useful because it provides a convenient
clock source for the AD7575. Due to process variations, the
actual operating frequency for this RCLK/CCLK combination can
vary from device to device by up to
±50%. For this reason it is
recommended that an external clock be used in the following
situations:
1. Applications requiring a conversion time that is within 50% of
5
µs, the minimum conversion time for specified accuracy. A
clock frequency of 4 MHz at the CLK pin gives a conversion
time of 5
µs.
2. Applications where time related software constraints cannot
accommodate time differences that may occur due to unit to
unit clock frequency variations or temperature.
EXTERNAL CLOCK
The CLK input of the AD7575 may be driven directly from
74 HC, 4000B series buffers (such as 4049) or from LS TTL
with a 5.6 k
Ω pull-up resistor. When conversion is complete, the
internal clock is disabled even if the external clock is still ap-
plied. This means that the external clock can continue to run
between conversions without being disabled. The mark/space
ratio of the external clock can vary from 70/30 to 30/70.
The AD7575 is specified for operation at a 5
µs conversion rate;
with a 4 MHz input clock frequency. If the part is operated at
slower clock frequencies, it may result in slightly degraded accu-
racy performance from the part. This is a result of leakage ef-
fects on the hold capacitor. Figure 14 shows a typical plot of
accuracy versus conversion time for the AD7575.
CONVERSION TIME –
s
2.5
5
10000
50
500
2.0
1.5
1.0
0.5
0
100
1000
5000
10
TA = +25 C
AD7575KN
Figure 14. Accuracy vs. Conversion Time


Podobny numer części - AD589JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD589JH AD-AD589JH Datasheet
97Kb / 4P
   Two-Terminal IC 1.2 V Reference
REV. B
AD589JH AD-AD589JH Datasheet
146Kb / 12P
   LC2MOS 5 us 8-Bit ADC with Track/Hold
REV. B
AD589JH AD-AD589JH Datasheet
275Kb / 8P
   2-Terminal IC 1.2 V Reference
REV. C
More results

Podobny opis - AD589JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7575 AD-AD7575 Datasheet
146Kb / 12P
   LC2MOS 5 us 8-Bit ADC with Track/Hold
REV. B
logo
Maxim Integrated Produc...
MX7821 MAXIM-MX7821 Datasheet
236Kb / 8P
   660ns 關P-Compatible, 8-Bit ADC with Track/Hold
19-4330; Rev 1; 7/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com