Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP200 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części OP200
Szczegółowy opis  Dual Low Offset, Low Power Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP200 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button OP200_17 Datasheet HTML 6Page - Analog Devices OP200_17 Datasheet HTML 7Page - Analog Devices OP200_17 Datasheet HTML 8Page - Analog Devices OP200_17 Datasheet HTML 9Page - Analog Devices OP200_17 Datasheet HTML 10Page - Analog Devices OP200_17 Datasheet HTML 11Page - Analog Devices OP200_17 Datasheet HTML 12Page - Analog Devices OP200_17 Datasheet HTML 13Page - Analog Devices OP200_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
OP200
Rev. G | Page 9 of 16
100
10
1
10
100
1k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 12. Voltage Noise Density vs. Frequency
1000
100
1
10
100
1k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 13. Current Noise Density vs. Frequency
02
4
6
8
10
TIME (SEC)
Figure 14. 0.1 Hz to 10 Hz Noise
1.18
1.06
1.08
1.10
1.12
1.14
1.16
±2
±6
±10
±14
±18
SUPPLY VOLTAGE (V)
TWO AMPLIFIERS
TA = 25°C
Figure 15. Total Supply Current vs. Supply Voltage
1.16
1.11
1.12
1.13
1.14
1.15
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
TWO AMPLIFIERS
VS = ±15V
Figure 16. Total Supply Current vs. Temperature
140
0
20
40
60
80
100
120
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = 25°C
POSITIVE SUPPLY
NEGATIVE SUPPLY
Figure 17. Power Supply Rejection vs. Frequency


Podobny numer części - OP200_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP200ARC AD-OP200ARC Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
OP200AZ AD-OP200AZ Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
OP200AZ AD-OP200AZ Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results

Podobny opis - OP200_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com