Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP200GPZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części OP200GPZ
Szczegółowy opis  Dual Low Offset, Low Power Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP200GPZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button OP200GPZ Datasheet HTML 5Page - Analog Devices OP200GPZ Datasheet HTML 6Page - Analog Devices OP200GPZ Datasheet HTML 7Page - Analog Devices OP200GPZ Datasheet HTML 8Page - Analog Devices OP200GPZ Datasheet HTML 9Page - Analog Devices OP200GPZ Datasheet HTML 10Page - Analog Devices OP200GPZ Datasheet HTML 11Page - Analog Devices OP200GPZ Datasheet HTML 12Page - Analog Devices OP200GPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
OP200
Data Sheet
Rev. G | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2
1
0
0
1.0
2.0
3.0
4.0
5.0
TIME (Minutes)
TA = 25°C
VS = ±15V
Figure 6. Warm-Up Drift
10
20
30
40
50
60
0
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 7. Input Offset Voltage vs. Temperature
–2
–1
0
1
2
3
–3
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 8. Input Bias Current vs. Temperature
50
100
150
200
250
300
0
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 9. Input Offset Current vs. Temperature
0.2
0.4
0.6
0.8
1.0
0
–15
–10
–5.0
0
5.0
10
15
COMON-MODE VOLTAGE (V)
TA = 25°C
VS = ±15V
Figure 10. Input Bias Current vs. Common-Mode Voltage
20
40
60
80
100
120
140
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 11. Common-Mode Rejection vs. Frequency


Podobny numer części - OP200GPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results

Podobny opis - OP200GPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com