Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP270GPZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części OP270GPZ
Szczegółowy opis  Dual Very Low Noise Precision Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP270GPZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button OP270GPZ Datasheet HTML 6Page - Analog Devices OP270GPZ Datasheet HTML 7Page - Analog Devices OP270GPZ Datasheet HTML 8Page - Analog Devices OP270GPZ Datasheet HTML 9Page - Analog Devices OP270GPZ Datasheet HTML 10Page - Analog Devices OP270GPZ Datasheet HTML 11Page - Analog Devices OP270GPZ Datasheet HTML 12Page - Analog Devices OP270GPZ Datasheet HTML 13Page - Analog Devices OP270GPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
OP270
Rev. F | Page 9 of 20
28
20
24
0
4
8
12
16
FREQUENCY (Hz)
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
THD = 1%
Figure 21. Maximum Output Swing vs. Frequency
15
12
13
14
5
6
7
8
9
10
11
LOAD RESISTANCE (Ω)
100
1k
10k
TA = 25°C
VS = ±15V
POSITIVE
SWING
NEGATIVE
SWING
Figure 22. Maximum Output Voltage vs. Load Resistance
50
40
0
10
20
30
CAPACITIVE LOAD (pF)
0
200
400
600
800
1000
TA = 25°C
VS = ±15V
VIN = 100mV
AV = +1
Figure 23. Small-Signal Overshoot vs. Capacitive Load
100
75
0
25
50
FREQUENCY (Hz)
1k
10k
100k
1M
10M
TA = 25°C
VS = ±15V
AV = 100
AV = 10
AV = 1
Figure 24. Output Impedance vs. Frequency
2.2
2.3
2.4
2.5
2.6
2.7
2.8
TEMPERATURE (°C)
VS = ±15V
–75
–50
–25
25
50
75
100
125
0
–SR
+SR
Figure 25. Slew Rate vs. Temperature
190
150
160
170
180
70
80
90
100
110
120
130
140
FREQUENCY (Hz)
1
10
1k
10k
100k
1M
100
TA = 25°C
VS = ±15V
VO = 20V p-p TO 10kHz
Figure 26. Channel Separation vs. Frequency


Podobny numer części - OP270GPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270GPZ2 AD-OP270GPZ2 Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
More results

Podobny opis - OP270GPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
   DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
OP270 AD-OP270 Datasheet
525Kb / 16P
   Dual Very Low Noise Precision Operational Amplifier
REV. C
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2111 BURR-BROWN-OPA2111 Datasheet
231Kb / 13P
   Dual Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com