Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS81102G0CTP Arkusz danych(PDF) 11 Page - ATMEL Corporation

Numer części TS81102G0CTP
Szczegółowy opis  DMUX 8-/10-bit 2 GHz 1:4/8
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS81102G0CTP Arkusz danych(HTML) 11 Page - ATMEL Corporation

Back Button TS81102G0CTP Datasheet HTML 7Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 8Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 9Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 10Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 11Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 12Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 13Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 14Page - ATMEL Corporation TS81102G0CTP Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
11
TS81102G0
2105C–BDC–11/03
Electrical
Operating
Characteristics
Tj (typical) = 70
°C. Full Temperature Range: -40°C < Tc; Tj < 110°C.
(Guaranteed temperature range are depending on part number)
Table 4. Electrical Specifications
Parameter
Symbol
Test
Level
Value
Unit
Note
Min
Typ
Max
Power Requirements
Positive supply voltage
V
CC
VPLUSDOUT
ECL
PECL
TTL
V
CC
V
PLUSD
V
PLUSD
VPLUSD
1
4.75
-0.25
3.135
3.135
5
0
3.3
3.3
5.25
0.25
3.465
3.465
V
V
V
V
Negative supply voltage
VEE
VEE
1
-5.25
-5
-4.75
V
Supply Currents
(1)
ECL (50
Ω) and PECL (50Ω)
V
CC (for every configuration)
1:8, 8 bits
1:8, 10 bits
1:4, 8 bits
1:4, 10 bits
I
CC
IPLUSD
IEE
I
PLUSD
IEE
IPLUSD
I
EE
IPLUSD
IEE
1
540
640
270
320
31
1180
719
1140
790
590
592
720
634
1820
2240
910
1120
mA
mA
mA
mA
mA
mA
mA
mA
mA
TTL (75
Ω)
VCC (for every configuration)
1:8, 8 bits
1:8, 10 bits
1:4, 8 bits
1:4, 10 bits
ICC
I
PLUSD
IEE
IPLUSD
I
EE
IPLUSD
IEE
I
PLUSD
I
EE
1
760
900
380
450
31
1610
872
1770
980
810
670
880
729
2440
3010
1220
1510
mA
mA
mA
mA
mA
mA
mA
mA
mA
Nominal power dissipation
(1)
ECL (50
Ω)
1:8, 8 bits
1:8, 10 bits
1:4, 8 bits
1:4, 10 bits
PD
PD
PD
PD
1
5.2
5.9
3.9
4.2
5.6
6.4
4.1
4.5
6
6.9
4.3
4.7
W
W
W
W


Podobny numer części - TS81102G0CTP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
TS8115LF BOTHHAND-TS8115LF Datasheet
79Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results

Podobny opis - TS81102G0CTP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AT84CS001 ATMEL-AT84CS001 Datasheet
131Kb / 8P
   10-BIT 1:2/4 2.2GHz LVDS DMUX
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163 Datasheet
58Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
ON Semiconductor
MC10E163 ONSEMI-MC10E163 Datasheet
102Kb / 4P
   2-BIT 8:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E163 MICREL-SY10E163_06 Datasheet
60Kb / 4P
   2-BIT 8:1 MULTIPLEXER
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Teledyne Technologies I...
CMA-8-2004 TELEDYNE-CMA-8-2004 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 8 GHz
logo
Analog Devices
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
logo
Teledyne Technologies I...
CPA-8-2003 TELEDYNE-CPA-8-2003 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
CPA-8-2004 TELEDYNE-CPA-8-2004 Datasheet
892Kb / 2P
   Amplifier 2 GHz - 8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com