Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS68332MA16 Arkusz danych(PDF) 4 Page - ATMEL Corporation

Numer części TS68332MA16
Szczegółowy opis  High performance 32-bit integrated microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332MA16 Arkusz danych(HTML) 4 Page - ATMEL Corporation

  TS68332MA16 Datasheet HTML 1Page - ATMEL Corporation TS68332MA16 Datasheet HTML 2Page - ATMEL Corporation TS68332MA16 Datasheet HTML 3Page - ATMEL Corporation TS68332MA16 Datasheet HTML 4Page - ATMEL Corporation TS68332MA16 Datasheet HTML 5Page - ATMEL Corporation TS68332MA16 Datasheet HTML 6Page - ATMEL Corporation TS68332MA16 Datasheet HTML 7Page - ATMEL Corporation TS68332MA16 Datasheet HTML 8Page - ATMEL Corporation TS68332MA16 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
TS68332
2118A–HIREL–03/02
Signal Description
Figure 1 illustrates the functional signal groups and Table 1 lists the signals and their
function.
Table 1. Signal Index
Signal Name
Mnemonic
Function
Address Bus
A23 - A0
24-bit address bus
Data Bus
D15 - D0
16-bit data bus used to transfer byte or word data per bus cycle
Data Bus Function Codes
FC2 - FC0
Identify the processor state and the address space of the current bus cycle
Boot Chip Select
CSBOOT
Chip-select boot stat up ROM containing user’s reset vector and initialization
program
Chip Selects
CS10 - CSO
Enables peripherals at programmed addresses
Bus Request
BR
Indicates that an external device requires bus mastership
Bus Grant
BG
Indicates that current bus cycle is complete and the TS68332 has relinquished the
bus
Bus Grant Acknowledge
BGACK
Indicates that an external device has assumed bus mastership
Data and Size
Acknowledgement
DSACK1,
DSACK0
Provides asynchronous data transfers and dynamic bus sizing
Autovector
AVEC
Requests an automatic vector during an interrupt acknowledge cycle
Read-Modify-Write Cycle
RMC
Identifies the bus cycle as part of an indivisible read-modify-write cycle
Address Strobe
AS
Indicates that a valid address is on the address bus
Data Strobe
DS
During a read cycle, DS indicates that an external device should place valid data on
the data bus. During a write cycle, DS indicates that valid data is on the data bus.
Size
SIZ1 - SIZ0
Indicates the number of bytes remaining to be transferred for this cycle
Read/Write
R/W
Indicates the direction of data transfer on the bus
Interrupt Request Level
IRQ7 - IRQ0
Provides an interrupt priority level to the CPU
Reset
RESET
System reset
Halt
HALT
Suspend external bus activity
Bus Error
BERR
Indicates that an erroneous bus operation is being attempted
System Clockout
CLKOUT
Internal system clock
Crystal Oscillator
EXTAL,
XTAL
Connection for an external crystal to the internal oscillator circuit
External Filter Capacitor
XFC
Connection pin for an external capacitor to filter the circuit of the phase-locked loop
Clock Mode Select
MODCK
Selects the source of the internal system clock
Instruction Fetch
IFETCH
Indicates when the CPU is performing an instruction word pre-fetch and when the
instruction pipeline has been flushed
Instruction Pipe
IPIPE
Used to track movement of words through the instruction pipeline
Breakpoint
BKPT
Signals a hardware breakpoint to the CPU
Freeze
FREEZE
Indicates that the CPU has acknowledged a breakpoint
Quotient Out
QUOT
Serial I/O and clock for background debug mode
Test Mode Enable
TSTME
Hardware enable for test mode
Three-State Control
TSC
Places all output drivers in a high-impedance state


Podobny numer części - TS68332MA16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TS68332MA16 ATMEL-TS68332MA16 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
More results

Podobny opis - TS68332MA16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
TS68332 ATMEL-TS68332_05 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
logo
Maxim Integrated Produc...
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
ZA9L1 MAXIM-ZA9L1 Datasheet
61Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32AP7001 ATMEL-AT32AP7001_14 Datasheet
814Kb / 49P
   High Performance, Low Power AVR32 32-Bit Microcontroller
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com