Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP12V Arkusz danych(PDF) 4 Page - Delta Electronics, Inc.

Numer części ADP12V
Szczegółowy opis  Energy Star Compliance (Level VI)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DELTA [Delta Electronics, Inc.]
Strona internetowa  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

ADP12V Arkusz danych(HTML) 4 Page - Delta Electronics, Inc.

  ADP12V Datasheet HTML 1Page - Delta Electronics, Inc. ADP12V Datasheet HTML 2Page - Delta Electronics, Inc. ADP12V Datasheet HTML 3Page - Delta Electronics, Inc. ADP12V Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATASHEET
ADP Series Power Adapters
12V 25W/36W/66W
 
 
 www.DeltaPSU.com (January 2016, Rev. 1.0)  
 4 
ADP-36PH BH
ADP-66CR BE


Podobny numer części - ADP12V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP120-12-EVALZ AD-ADP120-12-EVALZ Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP120-15-EVALZ AD-ADP120-15-EVALZ Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP120-18-EVALZ AD-ADP120-18-EVALZ Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP120-33-EVALZ AD-ADP120-33-EVALZ Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
More results

Podobny opis - ADP12V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
ADP19V DELTA-ADP19V Datasheet
461Kb / 5P
   Energy Star Compliance (Level VI)
ADP-12V DELTA-ADP-12V Datasheet
433Kb / 4P
   Energy Star Compliance
logo
HITRON ELECTRONICS CORP...
HEMP156G HITRON-HEMP156G Datasheet
277Kb / 2P
   Energy Efficiency Level VI
HEMG56 HITRON-HEMG56 Datasheet
239Kb / 2P
   Energy Efficiency Level VI
HEMG26 HITRON-HEMG26 Datasheet
234Kb / 2P
   Energy Efficiency Level VI
HEMG76 HITRON-HEMG76 Datasheet
227Kb / 2P
   Energy Efficiency Level VI
logo
XP Power Limited
AMD150 XPPOWER-AMD150 Datasheet
124Kb / 2P
   Energy Star Level V
logo
ETA-USA
ZMB-SX-W5 ETA-USA-ZMB-SX-W5 Datasheet
2Mb / 2P
   65W Meets Energy Star efficiency level V
logo
XP Power Limited
VCP05US033 XPPOWER-VCP05US033 Datasheet
62Kb / 2P
   Energy Star, CEC & EISA Compliant
logo
CUI INC
SMI-AU-2 CUI-SMI-AU-2 Datasheet
297Kb / 2P
   level VI efficiency accessory
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com