Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM23CGCK-F Arkusz danych(PDF) 2 Page - Kingbright Corporation

Numer części AM23CGCK-F
Szczegółowy opis  SOT-23 Surface Mount LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM23CGCK-F Arkusz danych(HTML) 2 Page - Kingbright Corporation

  AM23CGCK-F Datasheet HTML 1Page - Kingbright Corporation AM23CGCK-F Datasheet HTML 2Page - Kingbright Corporation AM23CGCK-F Datasheet HTML 3Page - Kingbright Corporation AM23CGCK-F Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAO9649 / 1202001197 Rev No: V.2B Date: 06/26/2017
Page 2 / 4
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
AM23CGCK-F
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 20mA
λpeak
Green
574
-
nm
Dominant Wavelength IF = 20mA
λdom
[1]
Green
570
-
nm
Spectral Bandwidth at 50% Φ REL MAX
IF = 20mA
Δλ
Green
20
-
nm
Capacitance
C
Green
15
-
pF
Forward Voltage IF = 20mA
VF
[2]
Green
2.1
2.5
V
Reverse Current (VR = 5V)
IR
Green
-
10
uA
Parameter
Symbol
Value
Unit
Power Dissipation
PD
75
mW
Reverse Voltage
VR
5
V
Junction Temperature
Tj
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
30
mA
Peak Forward Current
IFM
[1]
150
mA
Electrostatic Discharge Threshold (HBM)
-
3000
V
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd : ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.


Podobny numer części - AM23CGCK-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HK TO-GRACE TECHNOLOGY ...
AM23CGCK-F TO-GRACE-AM23CGCK-F Datasheet
828Kb / 4P
   SOT-23 Surface Mount LED Lamp
More results

Podobny opis - AM23CGCK-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gilway Technical Lamp
GHB-SOT23D-DR GILWAY-GHB-SOT23D-DR Datasheet
144Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZUY48WA SUNLED-ZUY48WA Datasheet
189Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KM-23ESGC TO-GRACE-KM-23ESGC Datasheet
909Kb / 4P
   SOT-23 Surface Mount LED Lamp
AM23SRD-F TO-GRACE-AM23SRD-F Datasheet
1Mb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKVG48W SUNLED-ZMDKVG48W Datasheet
215Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
ZUR48WA SUNLED-ZUR48WA Datasheet
186Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
ZMG48WA SUNLED-ZMG48WA Datasheet
187Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23EC-F KINGBRIGHT-AM23EC-F Datasheet
280Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AM23SGC-F TO-GRACE-AM23SGC-F Datasheet
817Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
Gilway Technical Lamp
GHB-SOT23D-Y GILWAY-GHB-SOT23D-Y Datasheet
142Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com